Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8306ARZ Datasheet (PDF) - Analog Devices

AD8306ARZ Datasheet PDF - Analog Devices
Part # AD8306ARZ
Download  AD8306ARZ Download

File Size   401.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Limiting-Logarithmic Amplifier

AD8306ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8306ARZ Datasheet PDF - Analog Devices

Part # AD8306ARZ
Download  AD8306ARZ Click to download

File Size   401.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Limiting-Logarithmic Amplifier

AD8306ARZ Datasheet (HTML) - Analog Devices

Back Button AD8306ARZ Datasheet HTML 1Page - Analog Devices AD8306ARZ Datasheet HTML 2Page - Analog Devices AD8306ARZ Datasheet HTML 3Page - Analog Devices AD8306ARZ Datasheet HTML 4Page - Analog Devices AD8306ARZ Datasheet HTML 5Page - Analog Devices AD8306ARZ Datasheet HTML 6Page - Analog Devices AD8306ARZ Datasheet HTML 7Page - Analog Devices AD8306ARZ Datasheet HTML 8Page - Analog Devices AD8306ARZ Datasheet HTML 9Page - Analog Devices AD8306ARZ Datasheet HTML 10Page - Analog Devices Next Button 

AD8306ARZ Product details

PRODUCT DESCRIPTION
The AD8306 is a complete IF limiting amplifier, providing both an accurate logarithmic (decibel) measure of the input signal (the RSSI function) over a dynamic range of 100 dB, and a programmable limiter output, useful from 5 MHz to 400 MHz.
It is easy to use, requiring few external components. A single supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corresponding to a power consumption of under 50 mW at 3 V, plus the limiter bias current, determined by the application and typically 2 mA, providing a limiter gain of 90 dB when using 200 Ω loads. A CMOS-compatible control interface can enable the AD8306 within about 500 ns and disable it to a standby current of under 1 µA.
The six cascaded amplifier/limiter cells in the main path have a small signal gain of 12.04 dB (×4), with a –3 dB bandwidth of 850 MHz, providing a total gain of 72 dB. The programmable output stage provides a further 18 dB of gain. The input is fully differential and presents a moderately high impedance (1 kΩ in parallel with 2.5 pF). The input-referred noise-spectral-density, when driven from a terminated 50 Ω, source is 1.28 nV/√Hz, equivalent to a noise figure of 3 dB. The sensitivity of the AD8306 can be raised by using an input matching network.
Each of the main gain cells includes a full-wave detector. An additional four detectors, driven by a broadband attenuator, are used to extend the top end of the dynamic range by over 48 dB.

FEATURES
   Complete, Fully Calibrated Log-Limiting IF Amplifier
   100 dB Dynamic Range: –91 dBV to +9 dBV
   Stable RSSI Scaling Over Temperature and Supplies:
      20 mV/dB Slope, –95 dBm Intercept
      60.4 dB RSSI Linearity up to 200 MHz
   Programmable Limiter Gain and Output Current
      Differential Outputs to 10 mA, 2.4 V p-p
      Overall Gain 90 dB, Bandwidth 400 MHz
      Constant Phase (Typical 656 ps Delay Skew)
   Single Supply of +2.7 V to +6.5 V at 16 mA Typical
   Fully Differential Inputs, RIN = 1 kV, CIN = 2.5 pF
   500 ns Power-Up Time, <1 mA Sleep Current
  
APPLICATIONS
   Receivers for Frequency and Phase Modulation
   Very Wide Range IF and RF Power Measurement
   Receiver Signal Strength Indication (RSSI)
   Low Cost Radar and Sonar Signal Processing
   Instrumentation: Network and Spectrum Analyzers




Similar Part No. - AD8306ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8306AR AD-AD8306AR Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
397Kb / 16P
   5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
More results


Similar Description - AD8306ARZ

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com