Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5662BRJZ-2REEL7 Datasheet (PDF) - Analog Devices

AD5662BRJZ-2REEL7 Datasheet PDF - Analog Devices
Part # AD5662BRJZ-2REEL7
Download  AD5662BRJZ-2REEL7 Download

File Size   584.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit nanoDAC in a SOT-23

AD5662BRJZ-2REEL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5662BRJZ-2REEL7 Datasheet PDF - Analog Devices

Part # AD5662BRJZ-2REEL7
Download  AD5662BRJZ-2REEL7 Click to download

File Size   584.4 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit nanoDAC in a SOT-23

AD5662BRJZ-2REEL7 Datasheet (HTML) - Analog Devices

Back Button AD5662BRJZ-2REEL7 Datasheet HTML 1Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 2Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 3Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 4Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD5662BRJZ-2REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD5662BRJZ-2REEL7 Product details

GENERAL DESCRIPTION
The AD5662, a member of the nanoDAC family, is a low power, single, 16-bit buffered voltage-out DAC that operates from a single 2.7 V to 5.5 V supply and is guaranteed monotonic by design.

FEATURES
   Low power (250 μA @ 5 V) single 16-bit nanoDAC
   12-bit accuracy guaranteed
   Tiny 8-lead SOT-23/MSOP package
   Power-down to 480 nA @ 5 V, 100 nA @ 3 V
   Power-on reset to zero scale/midscale
   2.7 V to 5.5 V power supply
   Guaranteed 16-bit monotonic by design
   3 power-down functions
   Serial interface with Schmitt-triggered inputs
   Rail-to-rail operation
   SYNC interrupt facility
   Temperature range −40°C to +125°C
   Qualified for automotive applications

APPLICATIONS
   Process control
   Data acquisition systems
   Portable battery-powered instruments
   Digital gain and offset adjustment
   Programmable voltage and current sources
   Programmable attenuators




Similar Part No. - AD5662BRJZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5662BRJ-1 AD-AD5662BRJ-1 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5662BRJ-2 AD-AD5662BRJ-2 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
More results


Similar Description - AD5662BRJZ-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
AD5062 AD-AD5062 Datasheet
825Kb / 17P
   Full Accurate 16 Bit Vout nanoDac, 2.7V- 5.5V, in a Sot 23
Rev. PrB
AD5060 AD-AD5060 Datasheet
829Kb / 17P
   Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
Rev. PrC
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com