Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

151210-8422-RB Datasheet (PDF) - 3M Electronics

151210-8422-RB Datasheet PDF - 3M Electronics
Part # 151210-8422-RB
Download  151210-8422-RB Download

File Size   1040.75 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight

151210-8422-RB Datasheet (PDF)

Go To PDF Page Download Datasheet
151210-8422-RB Datasheet PDF - 3M Electronics

Part # 151210-8422-RB
Download  151210-8422-RB Click to download

File Size   1040.75 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight

151210-8422-RB Datasheet (HTML) - 3M Electronics

151210-8422-RB Datasheet HTML 1Page - 3M Electronics 151210-8422-RB Datasheet HTML 2Page - 3M Electronics 151210-8422-RB Datasheet HTML 3Page - 3M Electronics 151210-8422-RB Datasheet HTML 4Page - 3M Electronics 151210-8422-RB Datasheet HTML 5Page - 3M Electronics



Similar Part No. - 151210-8422-RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15121 ETC2-15121 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
logo
Chicago Miniature Lamp,...
1512115B3 CML-1512115B3 Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
1512115UG3 CML-1512115UG3 Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
1512115UR3 CML-1512115UR3 Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
1512115UY3 CML-1512115UY3 Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
More results


Similar Description - 151210-8422-RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
   2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
1552 3M-1552 Datasheet
1Mb / 7P
   Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
logo
Precid-Dip Durtal SA
SERIES811 PREDIP-SERIES811 Datasheet
19Kb / 2P
   Single Row 2.54 mm, Straight solder tail
logo
3M Electronics
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
1522 3M-1522_10 Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
logo
Precid-Dip Durtal SA
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
   Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
logo
Texas Instruments
TLV759P TI1-TLV759P_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO in a Small 2-mm 횞 2-mm WSON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com