Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4-AU_S1_00001 Datasheet (PDF) - Pan Jit International Inc.

BZX84C2V4-AU_S1_00001 Datasheet PDF - Pan Jit International Inc.
Part # BZX84C2V4-AU_S1_00001
Download  BZX84C2V4-AU_S1_00001 Download

File Size   292.47 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

BZX84C2V4-AU_S1_00001 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4-AU_S1_00001 Datasheet PDF - Pan Jit International Inc.

Part # BZX84C2V4-AU_S1_00001
Download  BZX84C2V4-AU_S1_00001 Click to download

File Size   292.47 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SILICON ZENER DIODES

BZX84C2V4-AU_S1_00001 Datasheet (HTML) - Pan Jit International Inc.

BZX84C2V4-AU_S1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BZX84C2V4-AU_S1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BZX84C2V4-AU_S1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BZX84C2V4-AU_S1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BZX84C2V4-AU_S1_00001 Datasheet HTML 5Page - Pan Jit International Inc. BZX84C2V4-AU_S1_00001 Datasheet HTML 6Page - Pan Jit International Inc.

BZX84C2V4-AU_S1_00001 Product details

SURFACE MOUNT SILICON ZENER DIODES

VOLTAGE 2.4 to 75 Volts POWER 410 mWatts



FEATURES

• Planar Die construction

• 410mW Power Dissipation

• Zener Voltages from 2.4~75V

• Ideally Suited for Automated Assembly Processes

• Acqire quality system certificate : TS16949

• AEC-Q101 qualified

• Lead free in comply with EU RoHS 2002/95/EC directives.

• Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - BZX84C2V4-AU_S1_00001

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V4- VISHAY-BZX84C2V4- Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
logo
Diodes Incorporated
BZX84C2V4-7-F DIODES-BZX84C2V4-7-F Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
logo
Vishay Siliconix
BZX84C2V4-E3-08 VISHAY-BZX84C2V4-E3-08 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
BZX84C2V4-E3-18 VISHAY-BZX84C2V4-E3-18 Datasheet
114Kb / 8P
   Small Signal Zener Diodes
Rev. 2.0, 28-Feb-13
BZX84C2V4-G VISHAY-BZX84C2V4-G Datasheet
125Kb / 8P
   Silicon planar Zener diodes
Rev. 1.2, 28-Feb-13
More results


Similar Description - BZX84C2V4-AU_S1_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com