Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF353M Datasheet (PDF) - Fairchild Semiconductor

LF353M Datasheet PDF - Fairchild Semiconductor
Part # LF353M
Download  LF353M Download

File Size   40.29 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier (JFET)

LF353M Datasheet (PDF)

Go To PDF Page Download Datasheet
LF353M Datasheet PDF - Fairchild Semiconductor

Part # LF353M
Download  LF353M Click to download

File Size   40.29 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual Operational Amplifier (JFET)

LF353M Datasheet (HTML) - Fairchild Semiconductor

LF353M Datasheet HTML 1Page - Fairchild Semiconductor LF353M Datasheet HTML 2Page - Fairchild Semiconductor LF353M Datasheet HTML 3Page - Fairchild Semiconductor LF353M Datasheet HTML 4Page - Fairchild Semiconductor LF353M Datasheet HTML 5Page - Fairchild Semiconductor LF353M Datasheet HTML 6Page - Fairchild Semiconductor

LF353M Product details

Description
The LF353 is a JFET input operational amplifier with an internally compensated input offset voltage. The JFET input device provides wide bandwidth, low input bias currents and offset currents.

Features
• Internally trimmed offset voltage: 10mV
• Low input bias current: 50pA
• Wide gain bandwidth: 4MHz
• High slew rate: 13V/µs
• High Input impedance: 1012Ω




Similar Part No. - LF353M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF353M NSC-LF353M Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF353M TI1-LF353M Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Fairchild Semiconductor
LF353M FAIRCHILD-LF353M Datasheet
52Kb / 3P
   DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
logo
Texas Instruments
LF353M/NOPB TI1-LF353M/NOPB Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353MX NSC-LF353MX Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
More results


Similar Description - LF353M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM353 FAIRCHILD-LM353 Datasheet
52Kb / 3P
   DUAL OPERATIONAL AMPLIFIER (JFET)
Rev. B
KF353 FAIRCHILD-KF353 Datasheet
34Kb / 6P
   Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215_15 Datasheet
163Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
OP275 AD-OP275_15 Datasheet
289Kb / 12P
   Dual Bipolar/JFET, Audio Operational Amplifier
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com