Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM224AM Datasheet (PDF) - Fairchild Semiconductor

LM224AM Datasheet PDF - Fairchild Semiconductor
Part # LM224AM
Download  LM224AM Download

File Size   139.62 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Operational Amplifier

LM224AM Datasheet (PDF)

Go To PDF Page Download Datasheet
LM224AM Datasheet PDF - Fairchild Semiconductor

Part # LM224AM
Download  LM224AM Click to download

File Size   139.62 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Operational Amplifier

LM224AM Datasheet (HTML) - Fairchild Semiconductor

Back Button LM224AM Datasheet HTML 1Page - Fairchild Semiconductor LM224AM Datasheet HTML 2Page - Fairchild Semiconductor LM224AM Datasheet HTML 3Page - Fairchild Semiconductor LM224AM Datasheet HTML 4Page - Fairchild Semiconductor LM224AM Datasheet HTML 5Page - Fairchild Semiconductor LM224AM Datasheet HTML 6Page - Fairchild Semiconductor LM224AM Datasheet HTML 7Page - Fairchild Semiconductor LM224AM Datasheet HTML 8Page - Fairchild Semiconductor LM224AM Datasheet HTML 9Page - Fairchild Semiconductor LM224AM Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

LM224AM Product details

Description
The LM324/LM324A, LM2902/LM2902A consist of four independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide voltage range. operation from split power supplies is also possible so long as the difference between the two supplies is 3 volts to 32 volts. Application areas include transducer amplifier, DC gain blocks and all the conventional OP Amp circuits which now can be easily implemented in single power supply systems.

Features
• Internally Frequency Compensated for Unity Gain
• Large DC Voltage Gain: 100dB
• Wide Power Supply Range:
    LM324/LM324A : 3V~32V (or ±1.5 ~ 16V)
    LM2902/LM2902A: 3V~26V (or ±1.5V ~ 13V)
• Input Common Mode Voltage Range Includes Ground
• Large Output Voltage Swing: 0V to VCC -1.5V
• Power Drain Suitable for Battery Operation




Similar Part No. - LM224AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
Texas Instruments
LM224A TI-LM224A Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
LM224A TI-LM224A Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM224A TI1-LM224A Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
logo
STMicroelectronics
LM224A STMICROELECTRONICS-LM224A Datasheet
879Kb / 16P
   Low Power Quad Operational Amplifiers
February 2005 Revision 2
More results


Similar Description - LM224AM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com