Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM350T Datasheet (PDF) - Fairchild Semiconductor

LM350T Datasheet PDF - Fairchild Semiconductor
Part # LM350T
Download  LM350T Download

File Size   121.89 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 3A Positive Adjustable Voltage Regulator

LM350T Datasheet (PDF)

Go To PDF Page Download Datasheet
LM350T Datasheet PDF - Fairchild Semiconductor

Part # LM350T
Download  LM350T Click to download

File Size   121.89 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 3A Positive Adjustable Voltage Regulator

LM350T Datasheet (HTML) - Fairchild Semiconductor

LM350T Datasheet HTML 1Page - Fairchild Semiconductor LM350T Datasheet HTML 2Page - Fairchild Semiconductor LM350T Datasheet HTML 3Page - Fairchild Semiconductor LM350T Datasheet HTML 4Page - Fairchild Semiconductor LM350T Datasheet HTML 5Page - Fairchild Semiconductor LM350T Datasheet HTML 6Page - Fairchild Semiconductor LM350T Datasheet HTML 7Page - Fairchild Semiconductor LM350T Datasheet HTML 8Page - Fairchild Semiconductor

LM350T Product details

Description
The LM350 is an adjustable 3-terminal positive voltage regulator capable of supplying in excess of 3.0 A over an output voltage range of 1.2V to 33 V

Features
• Output adjustable between 1.2V and 33V
• Guaranteed 3A output current
• Internal thermal overload protection
• Load regulation (Typ: 0.1%)
• Line regulation (Typ: 0.015%/V)
• Internal short-circuit current limit
• Output transistor safe-area compensation




Similar Part No. - LM350T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM350T NSC-LM350T Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Motorola, Inc
LM350T MOTOROLA-LM350T Datasheet
172Kb / 12P
   THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
ON Semiconductor
LM350T ONSEMI-LM350T Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
Texas Instruments
LM350T TI1-LM350T Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results


Similar Description - LM350T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
LM350 FAIRCHILD-LM350_09 Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
   3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Fairchild Semiconductor
MC78TXX FAIRCHILD-MC78TXX Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T15TU FAIRCHILD-KA78T15TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T12TU FAIRCHILD-KA78T12TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78TXX FAIRCHILD-KA78TXX Datasheet
42Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
KA78T05TU FAIRCHILD-KA78T05TU Datasheet
50Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com