Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-7663 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-7663 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-7663
Download  HDSP-7663 Download

File Size   995.35 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays

HDSP-7663 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-7663 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-7663
Download  HDSP-7663 Click to download

File Size   995.35 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays

HDSP-7663 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HDSP-7663 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-7663 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED

HDSP-7663 Product details

Description
The 7.6 mm (0.3 inch) and 10.9 mm (0.43 inch) LED seven segment displays are designed for viewing distances up to 3 metres (10 feet) and 5 metres (16 feet). These devices use an industry standard size package and pinouts. All devices are available as either common anode or common cathode.

Features
• Industry standard size
• Industry standard pinout
    7.62 mm (0.300 inch) DIP leads on 2.54 mm (0.100 inch) centers
• Choice of colors
    AlGaAs Red, High Efficiency Red, Yellow, Green
• Excellent appearance
    Evenly lighted segments
    ±50° viewing angle
    Optimum contrast given by gray top surface for AlGaAs Red
        and Green devices
    Red top surface for HER devices
    Yellow top surface for yellow devices
• Design flexibility
    Common anode or common cathode
    Single digits
    Left or right hand decimal point ±1. overflow character
• Categorized for luminous intensity
    Yellow and Green categorized for color
    Use of like categories yields a uniform display
• High light output
• High peak current
• Excellent for long digit string multiplexing
• Intensity and color selection available
    See Intensity and Color Selected Displays Data Sheet
• Sunlight viewable AlGaAs




Similar Part No. - HDSP-7663

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701A AVAGO-HDSP-701A Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-701A-00000 HP-HDSP-701A-00000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0I000 HP-HDSP-701A-0I000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
HDSP-701A-0J000 HP-HDSP-701A-0J000 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
More results


Similar Description - HDSP-7663

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com