Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL-4146-101S Datasheet (PDF) - Roithner LaserTechnik GmbH

DL-4146-101S Datasheet PDF - Roithner LaserTechnik GmbH
Part # DL-4146-101S
Download  DL-4146-101S Download

File Size   113.31 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Short wavelength: 405nm Low threshold current:lth 28mA package 05.6mm with PD

DL-4146-101S Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-4146-101S Datasheet PDF - Roithner LaserTechnik GmbH

Part # DL-4146-101S
Download  DL-4146-101S Click to download

File Size   113.31 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Short wavelength: 405nm Low threshold current:lth 28mA package 05.6mm with PD

DL-4146-101S Datasheet (HTML) - Roithner LaserTechnik GmbH

DL-4146-101S Datasheet HTML 1Page - Roithner LaserTechnik GmbH


Similar Part No. - DL-4146-101S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
   Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
More results


Similar Description - DL-4146-101S

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DL-4146-301S ROITHNER-DL-4146-301S Datasheet
141Kb / 2P
   Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm
DL-3146-151 ROITHNER-DL-3146-151 Datasheet
120Kb / 1P
   Short wavelength : 405 nm Light Output 5mW CW Low threshold current lth 35mA Package 05.6mm
DL-LS5017 ROITHNER-DL-LS5017 Datasheet
108Kb / 1P
   Short wavelength 405nm Light Output 60mW CW Low threshoid current Package 5.6mm
DL-5146-101S ROITHNER-DL-5146-101S Datasheet
178Kb / 1P
   Short wavelength 405 nm Packge 5.6mm with PD
LD-405-200 ROITHNER-LD-405-200 Datasheet
809Kb / 4P
   Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode
RLT6405G ROITHNER-RLT6405G Datasheet
195Kb / 1P
   short wavelength laserdiode
logo
Advanced Photonix, Inc.
LS-0405 ADVANCEDPHOTONIX-LS-0405 Datasheet
417Kb / 3P
   The LS-0405 Series are InGaN UV LEDs with peak wavelength of 405nm.
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
FTL-8519-3D FINISAR-FTL-8519-3D Datasheet
242Kb / 9P
   Short-Wavelength GBIC Transceiver
logo
Hamamatsu Corporation
S5343 HAMAMATSU-S5343 Datasheet
85Kb / 4P
   Short wavelength type APD
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com