Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52963-5 Datasheet (PDF) - Tyco Electronics

52963-5 Datasheet PDF - Tyco Electronics
Part # 52963-5
Download  52963-5 Download

File Size   91.07 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG

52963-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
52963-5 Datasheet PDF - Tyco Electronics

Part # 52963-5
Download  52963-5 Click to download

File Size   91.07 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, SPRING SPADE, SHORT, PLASTI-GRIP WIRE SIZE: 12-10 AWG

52963-5 Datasheet (HTML) - Tyco Electronics

52963-5 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - 52963-5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529631 FESTO-529631 Datasheet
77Kb / 1P
   Compressed air filter
3/1/22
529639 FESTO-529639 Datasheet
77Kb / 1P
   Compressed air filter
3/1/22
More results


Similar Description - 52963-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
34176 MACOM-34176 Datasheet
76Kb / 1P
   TERMINAL, SPADE, PLASTI-GRIP WIRE SIZE:12-10 AWG
52856 MACOM-52856 Datasheet
91Kb / 1P
   TERMINAL, SPADE, FLANGED, PLASTI-GRIP, WIRE SIZE: 12-10 AWG
35492 MACOM-35492 Datasheet
39Kb / 1P
   TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE : 12-10
10054 MACOM-10054 Datasheet
39Kb / 1P
   TERMINAL, SPADE, PLASTI GRIP
logo
TE Connectivity Ltd
52930 TEC-52930 Datasheet
80Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22 - 16 AWG
logo
Tyco Electronics
52936 MACOM-52936 Datasheet
75Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 16-14 AWG
logo
TE Connectivity Ltd
52929 TEC-52929 Datasheet
79Kb / 1P
   TERMINAL, SHORT SPRING SPADE, PIDG, WIRE SIZE: 22-16 AWG
logo
Tyco Electronics
2-130014-1 MACOM-2-130014-1 Datasheet
42Kb / 1P
   PLASTI-GRIP TERMINAL WIRE SIZE : 22-16 AWG
logo
TE Connectivity Ltd
52041 TEC-52041 Datasheet
85Kb / 1P
   TERMINAL, RING TONGUE, PLASTI GRIP, WIRE SIZE : 8 AWG
logo
Tyco Electronics
52350 MACOM-52350 Datasheet
80Kb / 1P
   TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE: 6 AWG
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com