Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2515E/SPSQTP Datasheet (PDF) - Microchip Technology

PIC18F2515E/SPSQTP Datasheet PDF - Microchip Technology
Part # PIC18F2515E/SPSQTP
Download  PIC18F2515E/SPSQTP Download

File Size   6541.73 Kbytes
Page   376 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash Microcontrollers

PIC18F2515E/SPSQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2515E/SPSQTP Datasheet PDF - Microchip Technology

Part # PIC18F2515E/SPSQTP
Download  PIC18F2515E/SPSQTP Click to download

File Size   6541.73 Kbytes
Page   376 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Flash Microcontrollers

PIC18F2515E/SPSQTP Datasheet (HTML) - Microchip Technology

Back Button PIC18F2515E/SPSQTP Datasheet HTML 1Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 2Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 3Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 4Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 5Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 6Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 7Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 8Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 9Page - Microchip Technology PIC18F2515E/SPSQTP Datasheet HTML 10Page - Microchip Technology Next Button 

PIC18F2515E/SPSQTP Product details

DEVICE OVERVIEW
This document contains device specific information for the following devices:
  • PIC18F2410     • PIC18LF2410
  • PIC18F2510     • PIC18LF2510
  • PIC18F2515     • PIC18LF2515
  • PIC18F2610     • PIC18LF2610
  • PIC18F4410     • PIC18LF4410
  • PIC18F4510     • PIC18LF4510
  • PIC18F4515     • PIC18LF4515
  • PIC18F4610     • PIC18LF4610
This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance, Flash program memory. On top of these features, the PIC18F2X1X/4X1X family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power sensitive applications.

Power-Managed Modes:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Idle mode Currents Down to 3.0 μA Typical
• Sleep mode Currents Down to 20 nA Typical
• Timer1 Oscillator: 1.8 μA, 32 kHz, 2V
• Watchdog Timer: 2.1 μA
• Two-Speed Oscillator Start-up

Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Up to 2 Capture/Compare/PWM (CCP) modules, One with Auto-Shutdown (28-pin devices)
• Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only):
   - One, two or four PWM outputs
   - Selectable polarity
   - Programmable dead time
   - Auto-shutdown and auto-restart
• Master Synchronous Serial Port (MSSP) module Supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes
• Enhanced Addressable USART module:
   - Supports RS-485, RS-232 and LIN 1.2
   - RS-232 operation using internal oscillator block (no external crystal required)
   - Auto-wake-up on Start bit
   - Auto-Baud Detect
• 10-Bit, Up to 13-Channel Analog-to-Digital Converter module (A/D):
   - Auto-acquisition capability
   - Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Programmable 16-Level High/Low-Voltage Detection (HLVD) module:
   - Supports interrupt on High/Low-Voltage Detection
  
Flexible Oscillator Structure:
• Four Crystal modes, Up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal and Internal Oscillators
• Two External RC modes, Up to 4 MHz
• Two External Clock modes, Up to 40 MHz
• Internal Oscillator Block:
   - 8 user-selectable frequencies, from 31 kHz to 8 MHz
   - Provides a complete range of clock speeds from 31 kHz to 32 MHz when used with PLL
   - User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
   - Allows for safe shutdown if peripheral clock stops

Special Microcontroller Features:
• C Compiler Optimized Architecture:
   - Optional extended instruction set designed to optimize re-entrant code
• 100,000 Erase/Write Cycle Flash Program Memory Typical
• Three Programmable External Interrupts
• Four Input Change Interrupts
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 4 ms to 131s
• Single-Supply 5V In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Programmable Brown-out Reset (BOR) with Software Enable Option




Similar Part No. - PIC18F2515E/SPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2515 MICROCHIP-PIC18F2515 Datasheet
6Mb / 380P
   28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY
2004
PIC18F2515 MICROCHIP-PIC18F2515 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2515-E/ML MICROCHIP-PIC18F2515-E/ML Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2515-E/P MICROCHIP-PIC18F2515-E/P Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F2515-E/PT MICROCHIP-PIC18F2515-E/PT Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
More results


Similar Description - PIC18F2515E/SPSQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F876AT-I-SO MICROCHIP-PIC16F876AT-I-SO Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877A-IL MICROCHIP-PIC16F877A-IL Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F877AT-I-PTG MICROCHIP-PIC16F877AT-I-PTG Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC16F873A-ISP MICROCHIP-PIC16F873A-ISP Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2001-2013
PIC16F877A-E MICROCHIP-PIC16F877A-E Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
2003
PIC16F877A-I-PT MICROCHIP-PIC16F877A-I-PT Datasheet
4Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F87XA MICROCHIP-PIC16F87XA_13 Datasheet
2Mb / 234P
   28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12 2001-2013
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com