Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY25-20MF Datasheet (PDF) - ATMEL Corporation

ATTINY25-20MF Datasheet PDF - ATMEL Corporation
Part # ATTINY25-20MF
Download  ATTINY25-20MF Download

File Size   662.96 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash

ATTINY25-20MF Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY25-20MF Datasheet PDF - ATMEL Corporation

Part # ATTINY25-20MF
Download  ATTINY25-20MF Click to download

File Size   662.96 Kbytes
Page   29 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Atmel 8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash

ATTINY25-20MF Datasheet (HTML) - ATMEL Corporation

Back Button ATTINY25-20MF Datasheet HTML 1Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 2Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 3Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 4Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 5Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 6Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 7Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 8Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 9Page - ATMEL Corporation ATTINY25-20MF Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATTINY25-20MF Product details

Overview
The ATtiny25/45/85 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny25/45/85 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 120 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• Non-volatile Program and Data Memories
   – 2/4/8K Bytes of In-System Programmable Program Memory Flash
• Endurance: 10,000 Write/Erase Cycles
   – 128/256/512 Bytes In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
   – 128/256/512 Bytes Internal SRAM
   – Programming Lock for Self-Programming Flash Program and EEPROM Data Security
• Peripheral Features
   – 8-bit Timer/Counter with Prescaler and Two PWM Channels
   – 8-bit High Speed Timer/Counter with Separate Prescaler
• 2 High Frequency PWM Outputs with Separate Output Compare Registers
• Programmable Dead Time Generator
   – USI – Universal Serial Interface with Start Condition Detector
   – 10-bit ADC
• 4 Single Ended Channels
• 2 Differential ADC Channel Pairs with Programmable Gain (1x, 20x)
• Temperature Measurement
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-chip Analog Comparator
• Special Microcontroller Features
   – debugWIRE On-chip Debug System
   – In-System Programmable via SPI Port
   – External and Internal Interrupt Sources
   – Low Power Idle, ADC Noise Reduction, and Power-down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-out Detection Circuit
   – Internal Calibrated Oscillator
• I/O and Packages
   – Six Programmable I/O Lines
   – 8-pin PDIP, 8-pin SOIC, 20-pad QFN/MLF, and 8-pin TSSOP (only ATtiny45/V)
• Operating Voltage
   – 1.8 - 5.5V for ATtiny25V/45V/85V
   – 2.7 - 5.5V for ATtiny25/45/85
• Speed Grade
   – ATtiny25V/45V/85V: 0 – 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V
   – ATtiny25/45/85: 0 – 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V
• Industrial Temperature Range
• Low Power Consumption
   – Active Mode:
      • 1 MHz, 1.8V: 300 µA
   – Power-down Mode:
      • 0.1 µA at 1.8V




Similar Part No. - ATTINY25-20MF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
2Mb / 222P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-20MU ATMEL-ATTINY25-20MU Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
More results


Similar Description - ATTINY25-20MF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
   8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_14 Datasheet
6Mb / 206P
   8-bit AVR Microcontroller with 2/4/8K Bytes In-System
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
   8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com