Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ70 Datasheet (PDF) - Formosa MS

SMCJ70 Datasheet PDF - Formosa MS
Part # SMCJ70
Download  SMCJ70 Download

File Size   1192.22 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD Transient Voltage Suppressor

SMCJ70 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ70 Datasheet PDF - Formosa MS

Part # SMCJ70
Download  SMCJ70 Click to download

File Size   1192.22 Kbytes
Page   10 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description SMD Transient Voltage Suppressor

SMCJ70 Datasheet (HTML) - Formosa MS

SMCJ70 Datasheet HTML 1Page - Formosa MS SMCJ70 Datasheet HTML 2Page - Formosa MS SMCJ70 Datasheet HTML 3Page - Formosa MS SMCJ70 Datasheet HTML 4Page - Formosa MS SMCJ70 Datasheet HTML 5Page - Formosa MS SMCJ70 Datasheet HTML 6Page - Formosa MS SMCJ70 Datasheet HTML 7Page - Formosa MS SMCJ70 Datasheet HTML 8Page - Formosa MS SMCJ70 Datasheet HTML 9Page - Formosa MS SMCJ70 Datasheet HTML 10Page - Formosa MS

SMCJ70 Product details

1500W Surface Mount Transient Voltage Suppressors - 5.0 -440 V

Features
• 1500Wpeak pulse power capability at 10/1000μs waveform, repetition rate (duty cycle): 0.01%
• Excellent clamping capability
• low incremental surge resistance.
• Fast response time from 0V to VBR, typically less than 1 ps for uni-directional & 5 ns for bi-directional types.
• Glass passivated junction
• Lead-freee parts meet RoHS requirments.
• Suffix "-H" indicates Halogen-free parts, ex. SMCJ5.0A-H.




Similar Part No. - SMCJ70

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ70 DCCOM-SMCJ70 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ70 TSC-SMCJ70 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ70 YANGJIE-SMCJ70 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMCJ70 SUNMATE-SMCJ70 Datasheet
312Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Taiwan Semiconductor Co...
SMCJ70 TSC-SMCJ70 Datasheet
351Kb / 7P
   1500 Watts Suface Mount Transient Voltage Suppressor
More results


Similar Description - SMCJ70

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com