Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7928BRUZ Datasheet (PDF) - Analog Devices

AD7928BRUZ Datasheet PDF - Analog Devices
Part # AD7928BRUZ
Download  AD7928BRUZ Download

File Size   456.9 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs

AD7928BRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7928BRUZ Datasheet PDF - Analog Devices

Part # AD7928BRUZ
Download  AD7928BRUZ Click to download

File Size   456.9 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs

AD7928BRUZ Datasheet (HTML) - Analog Devices

Back Button AD7928BRUZ Datasheet HTML 1Page - Analog Devices AD7928BRUZ Datasheet HTML 2Page - Analog Devices AD7928BRUZ Datasheet HTML 3Page - Analog Devices AD7928BRUZ Datasheet HTML 4Page - Analog Devices AD7928BRUZ Datasheet HTML 5Page - Analog Devices AD7928BRUZ Datasheet HTML 6Page - Analog Devices AD7928BRUZ Datasheet HTML 7Page - Analog Devices AD7928BRUZ Datasheet HTML 8Page - Analog Devices AD7928BRUZ Datasheet HTML 9Page - Analog Devices AD7928BRUZ Datasheet HTML 10Page - Analog Devices Next Button 

AD7928BRUZ Product details

GENERAL DESCRIPTION
The AD7908/AD7918/AD7928 are, respectively, 8-bit, 10-bit, and 12-bit, high speed, low power, 8-channel, successive approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1 MSPS. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 8 MHz.

FEATURES
   Fast throughput rate: 1 MSPS
   Specified for AVDD of 2.7 V to 5.25 V
   Low power
      6.0 mW max at 1 MSPS with 3 V supply
      13.5 mW max at 1 MSPS with 5 V supply
   Eight (single-ended) inputs with sequencer
   Wide input bandwidth
      AD7928, 70 dB min SINAD at 50 kHz input frequency
   Flexible power/serial clock speed management
   No pipeline delays
   High speed serial interface SPI®/QSPI™/
      MICROWIRE™/DSP compatible
   Shutdown mode: 0.5 μA max
   20-lead TSSOP package
   Qualified for automotive applications




Similar Part No. - AD7928BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
More results


Similar Description - AD7928BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com