Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8361ART-EVAL Datasheet (PDF) - Analog Devices

AD8361ART-EVAL Datasheet PDF - Analog Devices
Part # AD8361ART-EVAL
Download  AD8361ART-EVAL Download

File Size   726.85 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 2.5 GHz TruPwr Detector

AD8361ART-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8361ART-EVAL Datasheet PDF - Analog Devices

Part # AD8361ART-EVAL
Download  AD8361ART-EVAL Click to download

File Size   726.85 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 2.5 GHz TruPwr Detector

AD8361ART-EVAL Datasheet (HTML) - Analog Devices

Back Button AD8361ART-EVAL Datasheet HTML 1Page - Analog Devices AD8361ART-EVAL Datasheet HTML 2Page - Analog Devices AD8361ART-EVAL Datasheet HTML 3Page - Analog Devices AD8361ART-EVAL Datasheet HTML 4Page - Analog Devices AD8361ART-EVAL Datasheet HTML 5Page - Analog Devices AD8361ART-EVAL Datasheet HTML 6Page - Analog Devices AD8361ART-EVAL Datasheet HTML 7Page - Analog Devices AD8361ART-EVAL Datasheet HTML 8Page - Analog Devices AD8361ART-EVAL Datasheet HTML 9Page - Analog Devices AD8361ART-EVAL Datasheet HTML 10Page - Analog Devices Next Button 

AD8361ART-EVAL Product details

GENERAL DESCRIPTION
The AD8361 is a mean-respondingpower detectorfor use in highfrequencyreceiver and transmitter signal chains,upto 2.5 GHz.Itis veryeasy toapply.Itrequires a single supplyonly between 2.7 V and 5.5 V,a power supplydecouplingcapacitor, and an input couplingcapacitor in most applications. The output is a linear-responding dc voltage with a conversion gain of 7.5 V/V rms. An external filter capacitor can be added to increase the averaging time constant.

FEATURES
   Calibrated rms response
   Excellent temperature stability
   Up to 30 dB input range at2.5 GHz
   700 mVrms, 10dBm, re 50Ω maximum input
   ±0.25 dB linearresponse up to 2.5 GHz
   Single-supply operation: 2.7 V to 5.5 V
   Low power: 3.3 mW at 3 Vsupply
   Rapid power-down to less than 1 µA

APPLICATIONS
   Measurement of CDMA, W-CDMA, QAM, other complex
      modulation waveforms
   RF transmitter or receiver power measurement




Similar Part No. - AD8361ART-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ART-EVAL AD-AD8361ART-EVAL Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
More results


Similar Description - AD8361ART-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com