Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7S08M5X Datasheet (PDF) - Fairchild Semiconductor

NC7S08M5X Datasheet PDF - Fairchild Semiconductor
Part # NC7S08M5X
Download  NC7S08M5X Download

File Size   79.34 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic HS 2-Input AND Gate

NC7S08M5X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7S08M5X Datasheet PDF - Fairchild Semiconductor

Part # NC7S08M5X
Download  NC7S08M5X Click to download

File Size   79.34 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic HS 2-Input AND Gate

NC7S08M5X Datasheet (HTML) - Fairchild Semiconductor

NC7S08M5X Datasheet HTML 1Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 2Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 3Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 4Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 5Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 6Page - Fairchild Semiconductor NC7S08M5X Datasheet HTML 7Page - Fairchild Semiconductor

NC7S08M5X Product details

General Description

The NC7S08 is a single 2-Input high performance CMOS AND Gate. Advanced Silicon Gate CMOS fabrication assures high speed and low power circuit operation over a broad VCC range. ESD protection diodes inherently guard both inputs and output with respect to the VCC and GND rails. Three stages of gain between inputs and outputs assures high noise immunity and reduced sensitivity to input edge rate.



Features

■ Space saving SOT23 or SC70 5-lead package

■ Ultra small MicroPak Pb-Free leadless package

■ High Speed; tPD 3.5 ns typ

■ Low Quiescent Power; ICC < 1 μA

■ Balanced Output Drive; 2 mA IOL, -2 mA IOH

■ Broad VCC Operating Range; 2V–6V

■ Balanced Propagation Delays

■ Specified for 3V operation



 




Similar Part No. - NC7S08M5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7S08M5X FAIRCHILD-NC7S08M5X Datasheet
131Kb / 9P
   TinyLogic HS 2-Input AND Gate
logo
ON Semiconductor
NC7S08M5X ONSEMI-NC7S08M5X Datasheet
520Kb / 11P
   TinyLogic HS 2-Input AND Gate
August-2017, Rev. 2
NC7S08M5X ONSEMI-NC7S08M5X Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
NC7S08M5X-L22090 ONSEMI-NC7S08M5X-L22090 Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
logo
Fairchild Semiconductor
NC7S08M5X-NL FAIRCHILD-NC7S08M5X-NL Datasheet
131Kb / 9P
   TinyLogic HS 2-Input AND Gate
More results


Similar Description - NC7S08M5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7S08 ONSEMI-NC7S08 Datasheet
520Kb / 11P
   TinyLogic HS 2-Input AND Gate
August-2017, Rev. 2
NC7S08 ONSEMI-NC7S08_V01 Datasheet
308Kb / 9P
   TinyLogic HS 2-Input AND Gate
May, 2022 ??Rev. 7
logo
Fairchild Semiconductor
NC7S08 FAIRCHILD-NC7S08_05 Datasheet
131Kb / 9P
   TinyLogic HS 2-Input AND Gate
logo
ON Semiconductor
NC7S00 ONSEMI-NC7S00 Datasheet
363Kb / 9P
   TinyLogic HS 2-Input NAND Gate
December-2017, Rev. 2
NC7S32 ONSEMI-NC7S32 Datasheet
347Kb / 9P
   TinyLogic HS 2-Input OR Gate
June-2018, Rev. 3
logo
Fairchild Semiconductor
NC7S32 FAIRCHILD-NC7S32_03 Datasheet
154Kb / 8P
   TinyLogic HS 2-Input OR Gate
NC7S00 FAIRCHILD-NC7S00 Datasheet
155Kb / 8P
   TinyLogic HS 2-Input NAND Gate
NC7S02 FAIRCHILD-NC7S02 Datasheet
156Kb / 8P
   TinyLogic HS 2-Input NOR Gate
NC7S32 FAIRCHILD-NC7S32 Datasheet
79Kb / 7P
   TinyLogic HS 2-Input OR Gate
logo
ON Semiconductor
NC7S02 ONSEMI-NC7S02 Datasheet
261Kb / 10P
   TinyLogic HS 2-Input NOR Gate
Revised August 2004
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com