Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SP08 Datasheet (PDF) - Fairchild Semiconductor

NC7SP08 Datasheet PDF - Fairchild Semiconductor
Part # NC7SP08
Download  NC7SP08 Download

File Size   306.28 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP 2-Input AND Gate

NC7SP08 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP08 Datasheet PDF - Fairchild Semiconductor

Part # NC7SP08
Download  NC7SP08 Click to download

File Size   306.28 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP 2-Input AND Gate

NC7SP08 Datasheet (HTML) - Fairchild Semiconductor

NC7SP08 Datasheet HTML 1Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 2Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 3Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 4Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 5Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 6Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 7Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 8Page - Fairchild Semiconductor NC7SP08 Datasheet HTML 9Page - Fairchild Semiconductor

NC7SP08 Product details

General Description
The NC7SP08 is a single 2-Input AND Gate from Fairchild’s Ultra Low Power (ULP) Series of TinyLogic®. Ideal for applications where battery life is critical, this product is designed for ultra low power consumption within the VCC operating range of 0.9V to 3.6V VCC.

Features
■ 0.9V to 3.6V VCC supply operation
■ 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
■ tPD
    2.5 ns typ for 3.0V to 3.6V VCC
    5.0 ns typ for 2.3V to 2.7V VCC
    6.0 ns typ for 1.65V to 1.95V VCC
    7.0 ns typ for 1.40V to 1.60V VCC
    11.0 ns typ for 1.10V to 1.30V VCC
    27.0 ns typ for 0.90V VCC
■ Power-Off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
    ±2.6 mA @ 3.00V VCC
    ±2.1 mA @ 2.30V VCC
    ±1.5 mA @ 1.65V VCC
    ±1.0 mA @ 1.40V VCC
    ±0.5 mA @ 1.10V VCC
    ±20 µA @ 0.9V VCC
■ Uses patented Quiet Series™ noise/EMI reduction circuitry
■ Ultra small MicroPak™ leadfree package
■ Ultra low dynamic power




Similar Part No. - NC7SP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP08 FAIRCHILD-NC7SP08 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input AND Gate
logo
ON Semiconductor
NC7SP08 ONSEMI-NC7SP08 Datasheet
631Kb / 11P
   TinyLogic ULP Two-Input AND Gate
December 2010
NC7SP08 ONSEMI-NC7SP08 Datasheet
389Kb / 11P
   TinyLogic ULP-A AND Gate
May, 2021 ??Rev. 2
NC7SP08FHX ONSEMI-NC7SP08FHX Datasheet
631Kb / 11P
   TinyLogic ULP Two-Input AND Gate
December 2010
NC7SP08FHX ONSEMI-NC7SP08FHX Datasheet
389Kb / 11P
   TinyLogic ULP-A AND Gate
May, 2021 ??Rev. 2
More results


Similar Description - NC7SP08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP08 FAIRCHILD-NC7SP08_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input AND Gate
NC7SV08 FAIRCHILD-NC7SV08 Datasheet
172Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
NC7SV08 FAIRCHILD-NC7SV08_04 Datasheet
181Kb / 9P
   TinyLogic ULP-A 2-Input AND Gate
NC7WP08 FAIRCHILD-NC7WP08 Datasheet
105Kb / 8P
   TinyLogic ULP Dual 2-Input AND Gate
NC7WP08 FAIRCHILD-NC7WP08_05 Datasheet
193Kb / 9P
   TinyLogic ULP Dual 2-Input AND Gate
logo
ON Semiconductor
NC7SV08 ONSEMI-NC7SV08 Datasheet
387Kb / 10P
   TinyLogic ULP-A 2-Input AND Gate
February, 2021 ??Rev. 2
NC7SP32 ONSEMI-NC7SP32 Datasheet
389Kb / 11P
   TinyLogic ULP 2-Input OR Gate
Revised March 2004
NC7SP38 ONSEMI-NC7SP38 Datasheet
299Kb / 13P
   TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
   TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
   TinyLogic ULP 2-Input NOR Gate
Revised March 2004
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com