Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9670EBZ Datasheet (PDF) - Analog Devices

AD9670EBZ Datasheet PDF - Analog Devices
Part # AD9670EBZ
Download  AD9670EBZ Download

File Size   78.0 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE With Digital Demodulator

AD9670EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9670EBZ Datasheet PDF - Analog Devices

Part # AD9670EBZ
Download  AD9670EBZ Click to download

File Size   78.0 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal Ultrasound AFE With Digital Demodulator

AD9670EBZ Datasheet (HTML) - Analog Devices

AD9670EBZ Datasheet HTML 1Page - Analog Devices AD9670EBZ Datasheet HTML 2Page - Analog Devices

AD9670EBZ Product details

GENERAL DESCRIPTION
The AD9674 is designed for low cost, low power, small size, and ease of use for medical ultrasound. It contains eight channels of a VGA with an LNA, a CW harmonic rejection I/Q demodulator with programmable phase rotation, an AAF, an ADC, a digital HPF, and RF decimation by 2.

FEATURES
   8 channels of LNA, VGA, AAF, ADC, and digital RF decimator
      Low power: 150 mW per channel, TGC mode, 40 MSPS;
         62.5 mW per channel, CW mode; <30 mW in power-down
      Time gain compensation (TGC) channel input referred noise:
         0.82 nV/√Hz, maximum gain
      Flexible power-down modes
      Fast recovery from low power standby mode: <2 μs
   Low noise preamplifier (LNA)
      Input referred noise voltage: 0.78 nV/√Hz, gain = 21.6 dB
      Programmable gain: 15.6 dB/17.9 dB/21.6 dB
      0.1 dB compression: 1.00 V p-p/
         0.75 V p-p/0.45 V p-p
      Flexible active input impedance matching
   Variable gain amplifier (VGA)
      Attenuator range: 45 dB, linear in dB gain control
      Postamplifier gain (PGA): 21 dB/24 dB/27 dB/30 dB
   Antialiasing filter (AAF)
      Programmable second-order low-pass filter (LPF) from 8 MHz
         to 18 MHz or 13.5 MHz to 30 MHz and high-pass filter (HPF)
   Analog-to-digital converter (ADC)
      Signal-to-noise ratio (SNR): 75 dB, 14 bits up to 125 MSPS
   Configurable serial low voltage differential signaling (LVDS)
   Continuous wave (CW) Doppler mode harmonic rejection I/Q
      demodulator
      Individual programmable phase rotation
      Dynamic range per channel: >160 dBFS/√Hz
      Close in SNR: 156 dBc/√Hz, 1 kHz offset, −3 dBFS input
   Radio frequency (RF) digital HPF and decimation by 2
   10 mm × 10 mm, 144-ball CSP_BGA

APPLICATIONS
   Medical imaging/ultrasound
   Nondestructive Testing (NDT)




Similar Part No. - AD9670EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9670EBZ AD-AD9670EBZ Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
AD9670EBZ AD-AD9670EBZ Datasheet
963Kb / 48P
   Octal Ultrasound Analog Front End
More results


Similar Description - AD9670EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
   Octal Ultrasound AFE with Digital Demodulator
AD9671 AD-AD9671 Datasheet
937Kb / 61P
   Octal Ultrasound AFE with Digital Demodulator
AD9674 AD-AD9674 Datasheet
107Kb / 2P
   Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
AD9675 AD-AD9675 Datasheet
80Kb / 2P
   Octal Ultrasound AFE with JESD204B
Rev. PrB
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
   Octal Ultrasound AFE with JESD204B
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
[Old version datasheet]   16-Channel Ultrasound AFE
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
[Old version datasheet]   Ultrasound Receive Analog Front End (AFE)
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
   Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
   Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com