Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SV126P5X Datasheet (PDF) - Fairchild Semiconductor

NC7SV126P5X Datasheet PDF - Fairchild Semiconductor
Part # NC7SV126P5X
Download  NC7SV126P5X Download

File Size   303.6 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP-A Buffer with 3-STATE Output

NC7SV126P5X Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SV126P5X Datasheet PDF - Fairchild Semiconductor

Part # NC7SV126P5X
Download  NC7SV126P5X Click to download

File Size   303.6 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic ULP-A Buffer with 3-STATE Output

NC7SV126P5X Datasheet (HTML) - Fairchild Semiconductor

NC7SV126P5X Datasheet HTML 1Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 2Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 3Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 4Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 5Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 6Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 7Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 8Page - Fairchild Semiconductor NC7SV126P5X Datasheet HTML 9Page - Fairchild Semiconductor

NC7SV126P5X Product details

General Description
The NC7SV126 is a single Buffer with 3-STATE output from Fairchild’s Ultra Low Power-A (ULP-A) Series of TinyLogic®. ULP-A is ideal for applications that require extreme high speed, high drive and low power. This product is designed for a wide low voltage operating range (0.9V to 3.6V VCC) and applications that require more drive and speed than the TinyLogic ULP series, but still offer best in class low power operation.

Features
■ 0.9V to 3.6V VCC supply operation
■ 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
■ Extremely High Speed tPD
    1.0 ns typ for 2.7V to 3.6V VCC
    1.8 ns typ for 2.3V to 2.7V VCC
    3.0 ns typ for 1.65V to 1.95V VCC
    3.5 ns typ for 1.4V to 1.6V VCC
    6.0 ns typ for 1.1V to 1.3V VCC
    13.0 ns typ for 0.9V VCC
■ Power-Off high impedance inputs and outputs
■ High Static Drive (IOH/IOL)
    ±24 mA @ 3.00V VCC
    ±18 mA @ 2.30V VCC
    ±6 mA @ 1.65V VCC
    ±4 mA @ 1.4V VCC
    ±2 mA @ 1.1V VCC
    ±0.1 mA @ 0.9V VCC
■ Uses patented Quiet Series™ noise/EMI reduction circuitry
■ Ultra small MicroPak™ leadfree package
■ Ultra low dynamic power




Similar Part No. - NC7SV126P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV126P5X FAIRCHILD-NC7SV126P5X Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SV126P5X ONSEMI-NC7SV126P5X Datasheet
592Kb / 13P
   TinyLogic ULP-A Buffer with Three-State Output
June 2014 Rev. 1.0.3
NC7SV126P5X ONSEMI-NC7SV126P5X Datasheet
243Kb / 10P
   TinyLogic ULP-A Buffer with Three-State Output
February, 2021 ??Rev. 3
More results


Similar Description - NC7SV126P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7WV125 FAIRCHILD-NC7WV125 Datasheet
204Kb / 9P
   TinyLogic ULP-A Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126 Datasheet
306Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125_04 Datasheet
295Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7SP126 FAIRCHILD-NC7SP126_04 Datasheet
296Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
   TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
NC7WP125 FAIRCHILD-NC7WP125 Datasheet
207Kb / 10P
   TinyLogic ULP Buffer with 3-STATE Output
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com