Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ04M5 Datasheet (PDF) - Fairchild Semiconductor

NC7SZ04M5 Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ04M5
Download  NC7SZ04M5 Download

File Size   79.13 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Inverter

NC7SZ04M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ04M5 Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ04M5
Download  NC7SZ04M5 Click to download

File Size   79.13 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS Inverter

NC7SZ04M5 Datasheet (HTML) - Fairchild Semiconductor

NC7SZ04M5 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ04M5 Datasheet HTML 7Page - Fairchild Semiconductor

NC7SZ04M5 Product details

General Description
The NC7SZ04 is a single inverter from Fairchild’s Ultra High Speed Series of TinyLogic™. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.8V to 5.5V VCC range. The inputs and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 6V independent of VCC operating voltage.

Features
■ Space saving SOT23 or SC70 5-lead package
■ Ultra High Speed; tPD 2.4 ns typ into 50 pF at 5V VCC
■ High Output Drive; ±24 mA at 3V VCC
■ Broad VCC Operating Range; 1.8V to 5.5V
■ Matches the performance of LCX when operated at 3.3V VCC
■ Power down high impedance inputs/output
■ Overvoltage tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7SZ04M5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
NC7SZ04M5 AD-NC7SZ04M5 Datasheet
2Mb / 32P
   EVAL-AD7903SDZ User Guide UG-609
REV. 0
logo
Fairchild Semiconductor
NC7SZ04M5X FAIRCHILD-NC7SZ04M5X Datasheet
168Kb / 9P
   TinyLogic UHS Inverter
logo
ON Semiconductor
NC7SZ04M5X ONSEMI-NC7SZ04M5X Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
NC7SZ04M5X ONSEMI-NC7SZ04M5X Datasheet
443Kb / 12P
   TinyLogic UHS Inverter
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7SZ04M5X FAIRCHILD-NC7SZ04M5X_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
More results


Similar Description - NC7SZ04M5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZ04 FAIRCHILD-NC7NZ04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Inverter
NC7NZ04 FAIRCHILD-NC7NZ04 Datasheet
188Kb / 7P
   TinyLogic UHS Inverter
logo
ON Semiconductor
NC7NZ04 ONSEMI-NC7NZ04 Datasheet
571Kb / 10P
   TinyLogic UHS Inverter
August 2010 Rev. 1.0.2
NC7SZ04 ONSEMI-NC7SZ04_V01 Datasheet
443Kb / 12P
   TinyLogic UHS Inverter
March, 2022 ??Rev. 5
NC7SZ04 ONSEMI-NC7SZ04 Datasheet
499Kb / 11P
   TinyLogic UHS Inverter
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZ04 FAIRCHILD-NC7SZ04_05 Datasheet
168Kb / 9P
   TinyLogic UHS Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7WZ04 ONSEMI-NC7WZ04 Datasheet
563Kb / 9P
   TinyLogic UHS Dual Inverter
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com