Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SZ27 Datasheet (PDF) - Fairchild Semiconductor

NC7SZ27 Datasheet PDF - Fairchild Semiconductor
Part # NC7SZ27
Download  NC7SZ27 Download

File Size   99.89 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 3-Input NOR Gate

NC7SZ27 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SZ27 Datasheet PDF - Fairchild Semiconductor

Part # NC7SZ27
Download  NC7SZ27 Click to download

File Size   99.89 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description TinyLogic UHS 3-Input NOR Gate

NC7SZ27 Datasheet (HTML) - Fairchild Semiconductor

NC7SZ27 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ27 Datasheet HTML 7Page - Fairchild Semiconductor

NC7SZ27 Product details

General Description
The NC7SZ27 is a single 3-Input NOR Gate from Fairchild’s Ultra High Speed Series of TinyLogic. The device is fabricated with advanced CMOS technology to achieve ultra high speed with high output drive while maintaining low static power dissipation over a very broad VCC operating range. The device is specified to operate over the 1.65V to 5.5V VCC range. The inputs and output are high impedance when VCC is 0V. Inputs tolerate voltages up to 7V independent of VCC operating voltage.

Features
■ Space saving SC70 6-lead package
■ Ultra small MicroPak™ leadless package
■ Ultra High Speed: tPD 2.4 ns typ into 50 pF at 5V VCC
■ High Output Drive: ±24 mA at 3V VCC
■ Broad VCC Operating Range: 1.65V–5.5V
■ Power down high impedance inputs/output
■ Overvoltage tolerant inputs facilitate 5V to 3V translation
■ Patented noise/EMI reduction circuitry implemented




Similar Part No. - NC7SZ27

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7SZ27 ONSEMI-NC7SZ27 Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ27L6X FAIRCHILD-NC7SZ27L6X Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
logo
ON Semiconductor
NC7SZ27L6X ONSEMI-NC7SZ27L6X Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ27P6X FAIRCHILD-NC7SZ27P6X Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
More results


Similar Description - NC7SZ27

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ27 FAIRCHILD-NC7SZ27_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02 Datasheet
82Kb / 7P
   TinyLogic UHS 2-Input NOR Gate
NC7SZ02 FAIRCHILD-NC7SZ02_05 Datasheet
169Kb / 9P
   TinyLogic UHS 2-Input NOR Gate
NC7WZ02 FAIRCHILD-NC7WZ02 Datasheet
646Kb / 11P
   TinyLogic UHS Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SZ27 ONSEMI-NC7SZ27 Datasheet
254Kb / 9P
   UHS 3-Input NOR Gate
Revised September 2004
logo
Fairchild Semiconductor
NC7SZ332 FAIRCHILD-NC7SZ332 Datasheet
112Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ10 FAIRCHILD-NC7SZ10_04 Datasheet
150Kb / 7P
   TinyLogic UHS 3-Input NAND Gate
NC7SZ11 FAIRCHILD-NC7SZ11_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input AND Gate
NC7SZ332 FAIRCHILD-NC7SZ332_04 Datasheet
149Kb / 7P
   TinyLogic UHS 3-Input OR Gate
NC7SZ11 FAIRCHILD-NC7SZ11 Datasheet
99Kb / 7P
   TinyLogic UHS 3-Input AND Gate
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com