Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM211ARSZ Datasheet (PDF) - Analog Devices

ADM211ARSZ Datasheet PDF - Analog Devices
Part # ADM211ARSZ
Download  ADM211ARSZ Download

File Size   218.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM211ARSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM211ARSZ Datasheet PDF - Analog Devices

Part # ADM211ARSZ
Download  ADM211ARSZ Click to download

File Size   218.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers

ADM211ARSZ Datasheet (HTML) - Analog Devices

Back Button ADM211ARSZ Datasheet HTML 1Page - Analog Devices ADM211ARSZ Datasheet HTML 2Page - Analog Devices ADM211ARSZ Datasheet HTML 3Page - Analog Devices ADM211ARSZ Datasheet HTML 4Page - Analog Devices ADM211ARSZ Datasheet HTML 5Page - Analog Devices ADM211ARSZ Datasheet HTML 6Page - Analog Devices ADM211ARSZ Datasheet HTML 7Page - Analog Devices ADM211ARSZ Datasheet HTML 8Page - Analog Devices ADM211ARSZ Datasheet HTML 9Page - Analog Devices ADM211ARSZ Datasheet HTML 10Page - Analog Devices Next Button 

ADM211ARSZ Product details

GENERAL DESCRIPTION
The ADM2xxE is a family of robust RS-232 and V.28 interface devices that operate from a single 5 V power supply. These products are suitable for operation in harsh electrical environments and are compliant with the EU directive on electromagnetic compatibility (EMC) (89/336/EEC). The level of emissions and immunity are both in compliance. EM immunity includes ESD protection in excess of ±15 kV on all I/O lines (IEC 1000-4-2), fast transient burst protection (IEC 1000­4­4), and radiated immunity (IEC 1000-4-3). EM emissions include radiated and conducted emissions as required by Information Technology Equipment EN 55022, CISPR 22.

FEATURES
  Complies with 89/336/EEC EMC directive
  ESD protection to IEC 1000-4-2 (801-2)
     Contact discharge: ±8 kV
     Air-gap discharge: ±15 kV
     Human body model: ±15 kV
  EFT/burst immunity (IEC 1000-4-4)
  Low EMI emissions (EN 55022)
  Eliminates need for TransZorb® suppressors
  230 kbps data rate guaranteed
  Single 5 V power supply
  Shutdown mode 1 μW
  Plug-in upgrade for MAX2xxE
  Space saving TSSOP package available

APPLICATIONS
  Laptop computers
  Notebook computers
  Printers
  Peripherals
  Modems




Similar Part No. - ADM211ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM211ARSZ AD-ADM211ARSZ Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM211ARSZ AD-ADM211ARSZ Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM211ARSZ-REEL AD-ADM211ARSZ-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM211ARSZ-REEL AD-ADM211ARSZ-REEL Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results


Similar Description - ADM211ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com