Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1400WTRWZ Datasheet (PDF) - Analog Devices

ADUM1400WTRWZ Datasheet PDF - Analog Devices
Part # ADUM1400WTRWZ
Download  ADUM1400WTRWZ Download

File Size   490.4 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators

ADUM1400WTRWZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM1400WTRWZ Datasheet PDF - Analog Devices

Part # ADUM1400WTRWZ
Download  ADUM1400WTRWZ Click to download

File Size   490.4 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad-Channel Digital Isolators

ADUM1400WTRWZ Datasheet (HTML) - Analog Devices

Back Button ADUM1400WTRWZ Datasheet HTML 1Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 2Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 3Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 4Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 5Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 6Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 7Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 8Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 9Page - Analog Devices ADUM1400WTRWZ Datasheet HTML 10Page - Analog Devices Next Button 

ADUM1400WTRWZ Product details

GENERAL DESCRIPTION
The ADuM1400/ADuM1401/ADuM14021 are quad-channel digital isolators based on Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics superior to alternatives, such as optocoupler devices.
       
FEATURES
    Qualified for automotive applications
    Low power operation
        5 V operation
            1.0 mA per channel maximum at 0 Mbps to 2 Mbps
            3.5 mA per channel maximum at 10 Mbps
            31 mA per channel maximum at 90 Mbps
        3 V operation
            0.7 mA per channel maximum at 0 Mbps to 2 Mbps
            2.1 mA per channel maximum at 10 Mbps
            20 mA per channel maximum at 90 Mbps
    Bidirectional communication
    3 V/5 V level translation
    High temperature operation: 125°C
    High data rate: dc to 90 Mbps (NRZ)
    Precise timing characteristics
        2 ns maximum pulse width distortion
        2 ns maximum channel-to-channel matching
    High common-mode transient immunity: >25 kV/μs
    Output enable function
    16-lead SOIC wide body package
    RoHS-compliant models available
    Safety and regulatory approvals
        UL recognition: 2500 V rms for 1 minute per UL 1577
        CSA Component Acceptance Notice 5A
        VDE Certificate of Conformity
            DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
            VIORM = 560 V peak
        TÜV approval: IEC/EN/UL/CSA 61010-1
   
APPLICATIONS
    General-purpose multichannel isolation
    SPI interface/data converter isolation
    RS-232/RS-422/RS-485 transceivers
    Industrial field bus isolation
    Automotive systems
   




Similar Part No. - ADUM1400WTRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1400WTRWZ AD-ADuM1400WTRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1400WTRWZ AD-ADuM1400WTRWZ Datasheet
794Kb / 32P
   Quad-Channel Digital Isolators
Rev. G
ADuM1400WTRWZ AD-ADuM1400WTRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1400WTRWZ AD-ADuM1400WTRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADuM1400WTRWZ AD-ADuM1400WTRWZ Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Similar Description - ADUM1400WTRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com