Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7123JSTZ240 Datasheet (PDF) - Analog Devices

ADV7123JSTZ240 Datasheet PDF - Analog Devices
Part # ADV7123JSTZ240
Download  ADV7123JSTZ240 Download

File Size   340.93 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 10-Bit High Speed Video DAC

ADV7123JSTZ240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7123JSTZ240 Datasheet PDF - Analog Devices

Part # ADV7123JSTZ240
Download  ADV7123JSTZ240 Click to download

File Size   340.93 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS, 330 MHz Triple 10-Bit High Speed Video DAC

ADV7123JSTZ240 Datasheet (HTML) - Analog Devices

Back Button ADV7123JSTZ240 Datasheet HTML 1Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 2Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 3Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 4Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 5Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 6Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 7Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 8Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 9Page - Analog Devices ADV7123JSTZ240 Datasheet HTML 10Page - Analog Devices Next Button 

ADV7123JSTZ240 Product details

GENERAL DESCRIPTION
The ADV7123 (ADV®) is a triple high speed, digital-to-analog converter on a single monolithic chip. It consists of three high speed, 10-bit, video DACs with complementary outputs, a standard TTL input interface, and a high impedance, analog output current source.

FEATURES
    330 MSPS throughput rate
    Triple 10-bit digital-to-analog converters (DACs)
    SFDR
        −70 dB at fCLK = 50 MHz; fOUT = 1 MHz
        −53 dB at fCLK = 140 MHz; fOUT = 40 MHz
    RS-343A-/RS-170-compatible output
    Complementary outputs
    DAC output current range: 2.0 mA to 26.5 mA
    TTL-compatible inputs
    Internal reference (1.235 V)
    Single-supply 5 V/3.3 V operation
    48-lead LQFP package
    Low power dissipation (30 mW minimum @ 3 V)
    Low power standby mode (6 mW typical @ 3 V)
    Industrial temperature range (−40°C to +85°C)
    Pb-free (lead-free) package

APPLICATIONS
    Digital video systems (1600 × 1200 @ 100 Hz)
    High resolution color graphics
    Digital radio modulation
    Image processing
    Instrumentation
    Video signal reconstruction




Similar Part No. - ADV7123JSTZ240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123JST240 AD-ADV7123JST240 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JST330 AD-ADV7123JST330 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
More results


Similar Description - ADV7123JSTZ240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com