Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603HP-15NXGLW Datasheet (PDF) - Coilcraft lnc.

0603HP-15NXGLW Datasheet PDF - Coilcraft lnc.
Part # 0603HP-15NXGLW
Download  0603HP-15NXGLW Download

File Size   157.58 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Chip Inductors ??0603HP Series (1608)

0603HP-15NXGLW Datasheet (PDF)

Go To PDF Page Download Datasheet
0603HP-15NXGLW Datasheet PDF - Coilcraft lnc.

Part # 0603HP-15NXGLW
Download  0603HP-15NXGLW Click to download

File Size   157.58 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Chip Inductors ??0603HP Series (1608)

0603HP-15NXGLW Datasheet (HTML) - Coilcraft lnc.

0603HP-15NXGLW Datasheet HTML 1Page - Coilcraft lnc. 0603HP-15NXGLW Datasheet HTML 2Page - Coilcraft lnc.



Similar Part No. - 0603HP-15NXGLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HP-15NX_L COILCRAFT-0603HP-15NX_L Datasheet
233Kb / 2P
   Chip Inductors
0603HP-15NX_L_ COILCRAFT-0603HP-15NX_L_ Datasheet
150Kb / 2P
   Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
More results


Similar Description - 0603HP-15NXGLW

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HP-R12XGLU COILCRAFT-0603HP-R12XGLU Datasheet
102Kb / 2P
   Chip Inductors ??0603HP Series
0603HP-R39XGLW COILCRAFT-0603HP-R39XGLW Datasheet
150Kb / 2P
   Chip Inductors - 0603HP Series
0603LS-472XJLB COILCRAFT-0603LS-472XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
0603LS-681XJBC COILCRAFT-0603LS-681XJBC Datasheet
97Kb / 2P
   Chip Inductors ??0603LS (1608)
0603CT-7N2XGLU COILCRAFT-0603CT-7N2XGLU Datasheet
149Kb / 2P
   Chip Inductors ??0603CT (1608)
0603CS-3N6XJLW COILCRAFT-0603CS-3N6XJLW Datasheet
101Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-82NXJLU COILCRAFT-0603CS-82NXJLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
0603CS-3N3XGLW COILCRAFT-0603CS-3N3XGLW Datasheet
101Kb / 2P
   Chip Inductors - 0603CS (1608)
0603CS-47NXGLU COILCRAFT-0603CS-47NXGLU Datasheet
146Kb / 2P
   Chip Inductors ??0603CS (1608)
0603LS-331XJLB COILCRAFT-0603LS-331XJLB Datasheet
150Kb / 2P
   Chip Inductors ??0603LS (1608)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com