Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-H Datasheet (PDF) - Omron Electronics LLC

G2R-1-H Datasheet PDF - Omron Electronics LLC
Part # G2R-1-H
Download  G2R-1-H Download

File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description The Best Seller G2R

G2R-1-H Datasheet (PDF)

Go To PDF Page Download Datasheet
G2R-1-H Datasheet PDF - Omron Electronics LLC

Part # G2R-1-H
Download  G2R-1-H Click to download

File Size   2349.06 Kbytes
Page   14 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description The Best Seller G2R

G2R-1-H Datasheet (HTML) - Omron Electronics LLC

Back Button G2R-1-H Datasheet HTML 1Page - Omron Electronics LLC G2R-1-H Datasheet HTML 2Page - Omron Electronics LLC G2R-1-H Datasheet HTML 3Page - Omron Electronics LLC G2R-1-H Datasheet HTML 4Page - Omron Electronics LLC G2R-1-H Datasheet HTML 5Page - Omron Electronics LLC G2R-1-H Datasheet HTML 6Page - Omron Electronics LLC G2R-1-H Datasheet HTML 7Page - Omron Electronics LLC G2R-1-H Datasheet HTML 8Page - Omron Electronics LLC G2R-1-H Datasheet HTML 9Page - Omron Electronics LLC G2R-1-H Datasheet HTML 10Page - Omron Electronics LLC Next Button 

G2R-1-H Product details

Power PCB Relay
   
• Creepage distance of 8.0 mm min. between coil and contact.
• Dual-winding latching type available.
• Plug-in and quick-connect terminals available (see G2R-S(S) data sheet).
• High sensitivity (360 mW) and high capacity (16 A) types available.
• Highly stable magnetic circuit for latching endurance and
    excellent resistance to vibration and shock.
• Safety-oriented design assuring high surge resistance: 10,000 V min.
    between coil and contacts.
• UL recognized / CSA certified. RoHS Complaint




Similar Part No. - G2R-1-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-H OMRON-G2R-1-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-H OMRON-G2R-1-H Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1-H OMRON-G2R-1-H Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1-H OMRON-G2R-1-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1-H OMRON-G2R-1-H Datasheet
656Kb / 12P
   Power PCB Relay
More results


Similar Description - G2R-1-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com