Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C65 Datasheet (PDF) - Fairchild Semiconductor

NM24C65 Datasheet PDF - Fairchild Semiconductor
Part # NM24C65
Download  NM24C65 Download

File Size   86.26 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect

NM24C65 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM24C65 Datasheet PDF - Fairchild Semiconductor

Part # NM24C65
Download  NM24C65 Click to download

File Size   86.26 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect

NM24C65 Datasheet (HTML) - Fairchild Semiconductor

Back Button NM24C65 Datasheet HTML 1Page - Fairchild Semiconductor NM24C65 Datasheet HTML 2Page - Fairchild Semiconductor NM24C65 Datasheet HTML 3Page - Fairchild Semiconductor NM24C65 Datasheet HTML 4Page - Fairchild Semiconductor NM24C65 Datasheet HTML 5Page - Fairchild Semiconductor NM24C65 Datasheet HTML 6Page - Fairchild Semiconductor NM24C65 Datasheet HTML 7Page - Fairchild Semiconductor NM24C65 Datasheet HTML 8Page - Fairchild Semiconductor NM24C65 Datasheet HTML 9Page - Fairchild Semiconductor NM24C65 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM24C65 Product details

General Description:
The NM24C65 devices are 65,536 bits of CMOS nonvolatile electrically erasable memory. These devices offer the designer different low voltage and low power options, and they conform to all in the Extended IIC 2-wire protocol. Furthermore, they are designed to minimize device pin count and simplify PC board layout requirements.

Features:
■ Extended operating voltage 2.7V – 5.5V
■ 400 KHz clock frequency (F) at 2.7V - 5.5V
■ 200µA active current typical 10µA standby current typical 1µA standby typical (L) 0.1µA standby typical (LZ)
■ IIC compatible interface
    – Provides bidirectional data transfer protocol
■ 32 byte page write mode
    – Minimizes total write time per byte
■ Self timed write cycle Typical write cycle time of 6ms
■ Hardware write protect for upper block
■ Endurance: 1,000,000 data changes
■ Data retention greater than 40 years
■ Packages available: 8-pin SO, 8-pin DIP
■ Low VCC programming lockout (3.8V - on Standard VCC devices only).




Similar Part No. - NM24C65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
More results


Similar Description - NM24C65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
FM24C256 FAIRCHILD-FM24C256 Datasheet
89Kb / 12P
   256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24WXX FAIRCHILD-NM24WXX Datasheet
104Kb / 14P
   2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com