Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-5221128-7 Datasheet (PDF) - Tyco Electronics

2-5221128-7 Datasheet PDF - Tyco Electronics
Part # 2-5221128-7
Download  2-5221128-7 Download

File Size   960.7 Kbytes
Page   34 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description BNC Connectors (50 ohm/75 ohm)

2-5221128-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
2-5221128-7 Datasheet PDF - Tyco Electronics

Part # 2-5221128-7
Download  2-5221128-7 Click to download

File Size   960.7 Kbytes
Page   34 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description BNC Connectors (50 ohm/75 ohm)

2-5221128-7 Datasheet (HTML) - Tyco Electronics

Back Button 2-5221128-7 Datasheet HTML 1Page - Tyco Electronics 2-5221128-7 Datasheet HTML 2Page - Tyco Electronics 2-5221128-7 Datasheet HTML 3Page - Tyco Electronics 2-5221128-7 Datasheet HTML 4Page - Tyco Electronics 2-5221128-7 Datasheet HTML 5Page - Tyco Electronics 2-5221128-7 Datasheet HTML 6Page - Tyco Electronics 2-5221128-7 Datasheet HTML 7Page - Tyco Electronics 2-5221128-7 Datasheet HTML 8Page - Tyco Electronics 2-5221128-7 Datasheet HTML 9Page - Tyco Electronics 2-5221128-7 Datasheet HTML 10Page - Tyco Electronics Next Button 

2-5221128-7 Product details

The Tyco Electronics BNC RF connector family with bayonet locking coupling provides highly reliable, quick connect/disconnect coaxial connections. Exclusive single and O crimp terminations allow positive insulation grip and require no soldering, providing terminations at a very low overall applied cost.

Product Facts
■ Bayonet lock coupling for quick connect/disconnect
■ Various connectors available in 50 and 75 ohm versions
■ Fully intermateable with comparable BNC UG/U connectors
■ Full range of Hex Crimp and O Crimp Products for common coaxial cables.
■ Low VSWR
■ Single crimp connectors offer one crimping operation for fast application
■ Twist-on connectors require no special tooling for application to the cable
■ Field serviceable (Category A) connectors qualified to MIL-C-39012
■ Field replaceable (Category C) plugs with captivated center contact
■ Field replaceable plugs can be terminated with industry standard tooling
■ Tarnish resistant Nickel finish available
■ Choice of different dielectrics
■ Listed under the Component Program of Underwriters Laboratories Inc., File No. E81956
■ PC Board soldered connectors are recognized under the Component Program of Underwriters Laboratories Inc., File No. E81956
■ Certified by Canadian Standards Association File No. LR 7189




Similar Part No. - 2-5221128-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-5221128-7 TEC-2-5221128-7 Datasheet
988Kb / 34P
   RF Coax Connectors
More results


Similar Description - 2-5221128-7

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
List of Unclassifed Man...
330876 ETC2-330876 Datasheet
38Kb / 1P
   BNC Connectors, 50 Ohm
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
   75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
   50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
   75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
   75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
   50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
   50 Ohm BNC Female to 75 Ohm F Male Adapter
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com