Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8057AR Datasheet (PDF) - Analog Devices

AD8057AR Datasheet PDF - Analog Devices
Part # AD8057AR
Download  AD8057AR Download

File Size   485.76 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier

AD8057AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8057AR Datasheet PDF - Analog Devices

Part # AD8057AR
Download  AD8057AR Click to download

File Size   485.76 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier

AD8057AR Datasheet (HTML) - Analog Devices

Back Button AD8057AR Datasheet HTML 1Page - Analog Devices AD8057AR Datasheet HTML 2Page - Analog Devices AD8057AR Datasheet HTML 3Page - Analog Devices AD8057AR Datasheet HTML 4Page - Analog Devices AD8057AR Datasheet HTML 5Page - Analog Devices AD8057AR Datasheet HTML 6Page - Analog Devices AD8057AR Datasheet HTML 7Page - Analog Devices AD8057AR Datasheet HTML 8Page - Analog Devices AD8057AR Datasheet HTML 9Page - Analog Devices AD8057AR Datasheet HTML 10Page - Analog Devices Next Button 

AD8057AR Product details

GENERAL DESCRIPTION

The AD8057 (single) and AD8058 (dual) are very high performance amplifiers with a very low cost. The balance between cost and performance make them ideal for many applications. The AD8057 and AD8058 reduce the need to qualify a variety of specialty amplifiers. The AD8057 and AD8058 are voltage feedback amplifiers with the bandwidth and slew rate normally found in current feedback amplifiers. The AD8057 and AD8058 are low power amplifiers having low quiescent current and a wide supply range from 3 V to 12 V. They have noise and distortion performance required for high end video systems as well as dc performance parameters rarely found in high speed amplifiers.



FEATURES

  Low cost single (AD8057) and dual (AD8058)

  High speed

     325 MHz, −3 dB bandwidth (G = +1)

     1000 V/μs slew rate

     Gain flatness: 0.1 dB to 28 MHz

  Low noise

     7 nV/√Hz

  Low power

     5.4 mA/amplifier typical supply current @ 5 V

  Low distortion

     −85 dBc @ 5 MHz, RL = 1 kΩ

  Wide supply range from 3 V to 12 V

  Small packaging

     AD8057 is available in an 8-lead SOIC and 5-lead SOT-23

     AD8058 is available in an 8-lead SOIC and an 8-lead MSOP

  

APPLICATIONS

  Imaging

  DVD/CD

  Photodiode preamp

  Analog-to-digital driver

  Professional cameras filters



 




Similar Part No. - AD8057AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057AR AD-AD8057AR Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057AR AD-AD8057AR Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057AR-REEL AD-AD8057AR-REEL Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057AR-REEL AD-AD8057AR-REEL Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057AR-REEL7 AD-AD8057AR-REEL7 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
More results


Similar Description - AD8057AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com