Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM93CS06LM8 Datasheet (PDF) - Fairchild Semiconductor

NM93CS06LM8 Datasheet PDF - Fairchild Semiconductor
Part # NM93CS06LM8
Download  NM93CS06LM8 Download

File Size   107.55 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93CS06LM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM93CS06LM8 Datasheet PDF - Fairchild Semiconductor

Part # NM93CS06LM8
Download  NM93CS06LM8 Click to download

File Size   107.55 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93CS06LM8 Datasheet (HTML) - Fairchild Semiconductor

Back Button NM93CS06LM8 Datasheet HTML 1Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 2Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 3Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 4Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 5Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 6Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 7Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 8Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 9Page - Fairchild Semiconductor NM93CS06LM8 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM93CS06LM8 Product details

General Description
NM93C06 is a 256-bit CMOS non-volatile EEPROM organized as 16 x 16-bit array. This device features MICROWIRE interface which is a 4-wire serial bus with chipselect (CS), clock (SK), data input (DI) and data output (DO) signals. This interface is compatible to many of standard Microcontrollers and Microprocessors. There are 7 instructions implemented on the NM93C06 for various Read, Write, Erase, and Write Enable/Disable operations. This device is fabricated using Fairchild Semiconductor floating-gate CMOS process for high reliability, high endurance and low power consumption.

Features
■ Wide VCC 2.7V - 5.5V
■ Typical active current of 200µA
    10µA standby current typical
    1µA standby current typical (L)
    0.1µA standby current typical (LZ)
■ No Erase instruction required before Write instruction
■ Self timed write cycle
■ Device status during programming cycles
■ 40 year data retention
■ Endurance: 1,000,000 data changes
■ Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP




Similar Part No. - NM93CS06LM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93CS06LM8 NSC-NM93CS06LM8 Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
More results


Similar Description - NM93CS06LM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com