Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C16UM8 Datasheet (PDF) - Fairchild Semiconductor

NM24C16UM8 Datasheet PDF - Fairchild Semiconductor
Part # NM24C16UM8
Download  NM24C16UM8 Download

File Size   97.01 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16K-Bit Serial EEPROM 2-Wire Bus Interface

NM24C16UM8 Datasheet (PDF)

Go To PDF Page Download Datasheet
NM24C16UM8 Datasheet PDF - Fairchild Semiconductor

Part # NM24C16UM8
Download  NM24C16UM8 Click to download

File Size   97.01 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 16K-Bit Serial EEPROM 2-Wire Bus Interface

NM24C16UM8 Datasheet (HTML) - Fairchild Semiconductor

Back Button NM24C16UM8 Datasheet HTML 1Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 2Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 3Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 4Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 5Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 6Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 7Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 8Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 9Page - Fairchild Semiconductor NM24C16UM8 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM24C16UM8 Product details

General Description
The NM24C16U/17U devices are 16K (16,384) bit serial interface CMOS EEPROMs (Electrically Erasable Programmable ReadOnly Memory). These devices fully conform to the Standard I2C™ 2-wire protocol which uses Clock (SCL) and Data I/O (SDA) pins to synchronously clock data between the "master" (for example a microprocessor) and the "slave" (the EEPROM device). In addition, the serial interface allows a minimal pin count packaging designed to simplify PC board layout requirements and offers the designer a variety of low voltage and low power options.

Features
■ The I2C™ interface allows the smallest I/O pincount of any EEPROM interface
■ 16 byte page write mode to minimize total write time per byte
■ Typical 200µA active current (ICCA)
■ Typical 1µA standby current (ISB) for "L" devices and 0.1µA standby current for "LZ" devices
■ Endurance: Up to 1,000,000 data changes
■ Data retention greater than 40 years

Functions
■ I2C™ compatible interface
■ 4,096 bits organized as 512 x 8
■ Extended 2.7V – 5.5V operating voltage
■ 100 KHz or 400 KHz operation
■ Self timed programming cycle (6ms typical)
■ "Programming complete" indicated by ACK polling
■ NM24C17U: Memory "Upper Block" Write Protect pin




Similar Part No. - NM24C16UM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Similar Description - NM24C16UM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Renesas Technology Corp
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com