Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC1117D25T Datasheet (PDF) - Fairchild Semiconductor

RC1117D25T Datasheet PDF - Fairchild Semiconductor
Part # RC1117D25T
Download  RC1117D25T Download

File Size   48.11 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1A Adjustable/Fixed Low Dropout Linear Regulator

RC1117D25T Datasheet (PDF)

Go To PDF Page Download Datasheet
RC1117D25T Datasheet PDF - Fairchild Semiconductor

Part # RC1117D25T
Download  RC1117D25T Click to download

File Size   48.11 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1A Adjustable/Fixed Low Dropout Linear Regulator

RC1117D25T Datasheet (HTML) - Fairchild Semiconductor

RC1117D25T Datasheet HTML 1Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 2Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 3Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 4Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 5Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 6Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 7Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 8Page - Fairchild Semiconductor RC1117D25T Datasheet HTML 9Page - Fairchild Semiconductor

RC1117D25T Product details

Description

The RC1117 and RC1117-2.5, -2.85, -3.3 and -5 are low dropout three-terminal regulators with 1A output current capability. These devices have been optimized for low voltage where transient response and minimum input voltage are critical. The 2.85V version is designed specifically to be used in Active Terminators for SCSI bus.



Features

• Low dropout voltage

• Load regulation: 0.05% typical

• Trimmed current limit

• On-chip thermal limiting

• Standard SOT-223, TO-263, and TO-252 packages

• Three-terminal adjustable or fixed 2.5V, 2.85V, 3.3V, 5V



Applications

• Active SCSI terminators

• High efficiency linear regulators

• Post regulators for switching supplies

• Battery chargers

• 5V to 3.3V linear regulators

• Motherboard clock supplies




Similar Part No. - RC1117D25T

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
RC111 CIT-RC111 Datasheet
178Kb / 2P
   CIT SWITCH
logo
List of Unclassifed Man...
RC1113 ETC2-RC1113 Datasheet
402Kb / 1P
   Nylon-Insulated Fork Terminals
More results


Similar Description - RC1117D25T

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com