Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407DJ Datasheet (PDF) - Vishay Siliconix

DG407DJ Datasheet PDF - Vishay Siliconix
Part # DG407DJ
Download  DG407DJ Download

File Size   199.44 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG407DJ Datasheet (PDF)

Go To PDF Page Download Datasheet
DG407DJ Datasheet PDF - Vishay Siliconix

Part # DG407DJ
Download  DG407DJ Click to download

File Size   199.44 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers

DG407DJ Datasheet (HTML) - Vishay Siliconix

Back Button DG407DJ Datasheet HTML 1Page - Vishay Siliconix DG407DJ Datasheet HTML 2Page - Vishay Siliconix DG407DJ Datasheet HTML 3Page - Vishay Siliconix DG407DJ Datasheet HTML 4Page - Vishay Siliconix DG407DJ Datasheet HTML 5Page - Vishay Siliconix DG407DJ Datasheet HTML 6Page - Vishay Siliconix DG407DJ Datasheet HTML 7Page - Vishay Siliconix DG407DJ Datasheet HTML 8Page - Vishay Siliconix DG407DJ Datasheet HTML 9Page - Vishay Siliconix DG407DJ Datasheet HTML 10Page - Vishay Siliconix Next Button 

DG407DJ Product details

DESCRIPTION
The DG406 is a 16 channel single-ended analog multiplexer designed to connect one of sixteen inputs to a common output as determined by a 4-bit binary address. The DG407 selects one of eight differential inputs to a common differential output. Break-before-make switching action protects against momentary shorting of inputs.

FEATURES
• Low on-resistance - RDS(on): 50 
• Low charge injection - Q: 15 pC
• Fast transition time - tTRANS: 200 ns
• Low power: 0.2 mW
• Single supply capability
• 44 V supply max. rating
• Material categorization:
   For definitions of compliance please see
   www.vishay.com/doc?99912

BENEFITS
• Higher accuracy
• Reduced glitching
• Improved data throughput
• Reduced power consumption
• Increased ruggedness
• Wide supply ranges: ± 5 V to ± 20 V

APPLICATIONS
• Data acquisition systems
• Audio signal routing
• Medical instrumentation
• ATE systems
• Battery powered systems
• High-rel systems
• Single supply systems




Similar Part No. - DG407DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407DJ INTERSIL-DG407DJ Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG407DJ MAXIM-DG407DJ Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Intersil Corporation
DG407DJ INTERSIL-DG407DJ Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG407DJ VISHAY-DG407DJ Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG407DJ-E3 VISHAY-DG407DJ-E3 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
More results


Similar Description - DG407DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B Datasheet
156Kb / 11P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. B, 21-May-07
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com