Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE150CA Datasheet (PDF) - Formosa MS

1.5KE150CA Datasheet PDF - Formosa MS
Part # 1.5KE150CA
Download  1.5KE150CA Download

File Size   145.62 Kbytes
Page   6 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 1500W Axial Lead Transient Voltage uppressors - 6.8V-440V

1.5KE150CA Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE150CA Datasheet PDF - Formosa MS

Part # 1.5KE150CA
Download  1.5KE150CA Click to download

File Size   145.62 Kbytes
Page   6 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 1500W Axial Lead Transient Voltage uppressors - 6.8V-440V

1.5KE150CA Datasheet (HTML) - Formosa MS

1.5KE150CA Datasheet HTML 1Page - Formosa MS 1.5KE150CA Datasheet HTML 2Page - Formosa MS 1.5KE150CA Datasheet HTML 3Page - Formosa MS 1.5KE150CA Datasheet HTML 4Page - Formosa MS 1.5KE150CA Datasheet HTML 5Page - Formosa MS 1.5KE150CA Datasheet HTML 6Page - Formosa MS

1.5KE150CA Product details

Features
• Axial lead type devices for through hole design.
• 1500W peak pulse power capability with a 10/1000us
   waveform, repetition rate (duty cycle): 0.05%.
• Excellent clamping capability.
• Low incremental surge resistance.
• Fast response time from 0V to VBR, typically less than
   1pS for uni-directional & 5 nS for bi-directional types.
• Ultra high-speed switching.
• Glass passivated chip junction.
• Lead-free parts meet environmental standards of MIL-STD-19500 /228
• Suffix "-H" indicates Halogen free parts, ex. 1.5ΚΕ6.8Α-H




Similar Part No. - 1.5KE150CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE150CA ONSEMI-1.5KE150CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Socay Electornics Co., ...
1.5KE150CA SOCAY-1.5KE150CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DB Lectro Inc
1.5KE150CA DBLECTRO-1.5KE150CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
HY ELECTRONIC CORP.
1.5KE150CA HY-1.5KE150CA Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Littelfuse
1.5KE150CA LITTELFUSE-1.5KE150CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results


Similar Description - 1.5KE150CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
P6KE6.8CA FORMOSA-P6KE6.8CA Datasheet
152Kb / 6P
   600W Axial Lead Transient Voltage Suppressors - 6.8V-440V
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
1.5KE6.8 SECOS-1.5KE6.8 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
1.5SMC6.8A UMW-1.5SMC6.8A Datasheet
655Kb / 4P
   6.8V-540V 1500W
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com