Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5365B Datasheet (PDF) - Formosa MS

1N5365B Datasheet PDF - Formosa MS
Part # 1N5365B
Download  1N5365B Download

File Size   948.25 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 5W Zener Diode 5.1 to 200V

1N5365B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5365B Datasheet PDF - Formosa MS

Part # 1N5365B
Download  1N5365B Click to download

File Size   948.25 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description 5W Zener Diode 5.1 to 200V

1N5365B Datasheet (HTML) - Formosa MS

1N5365B Datasheet HTML 1Page - Formosa MS 1N5365B Datasheet HTML 2Page - Formosa MS 1N5365B Datasheet HTML 3Page - Formosa MS 1N5365B Datasheet HTML 4Page - Formosa MS

1N5365B Product details

Features
• Zener Voltage From 5.1V to 200V
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• Marking : Cathode band and type number
• Halogen free available upon request by adding suffix "-H"




Similar Part No. - 1N5365B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5365B MOTOROLA-1N5365B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
1N5365B MCC-1N5365B Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
logo
Semikron International
1N5365B SEMIKRON-1N5365B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5365B LUGUANG-1N5365B Datasheet
2Mb / 5P
   Zener Diodes
logo
EIC discrete Semiconduc...
1N5365B EIC-1N5365B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results


Similar Description - 1N5365B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 5.1 to 100 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com