Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ11B Datasheet (PDF) - Formosa MS

GDZ11B Datasheet PDF - Formosa MS
Part # GDZ11B
Download  GDZ11B Download

File Size   419.46 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Zener diode

GDZ11B Datasheet (PDF)

Go To PDF Page Download Datasheet
GDZ11B Datasheet PDF - Formosa MS

Part # GDZ11B
Download  GDZ11B Click to download

File Size   419.46 Kbytes
Page   4 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Zener diode

GDZ11B Datasheet (HTML) - Formosa MS

GDZ11B Datasheet HTML 1Page - Formosa MS GDZ11B Datasheet HTML 2Page - Formosa MS GDZ11B Datasheet HTML 3Page - Formosa MS GDZ11B Datasheet HTML 4Page - Formosa MS

GDZ11B Product details

VOLTAGE 2.0 to 56 Volts
POWER 500 mWatts

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Lead free in comply with EU RoHS 2011/65/EU directives

MECHANICAL DATA
• Case: Molded Glass DO-34
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Approx. Weight: 0.09 grams
• Ordering information
                           Suffix : “ -34 ” to order DO-34 Package
• Packing information
                            B - 2K per Bulk box
                            T/R - 10K per 15" plastic Reel
                            T/B - 5K per horiz. tape & Ammo box





Similar Part No. - GDZ11B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ11B EIC-GDZ11B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ11B SYNSEMI-GDZ11B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Frontier Electronics.
GDZ11B FRONTIER-GDZ11B Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Vishay Siliconix
GDZ11B VISHAY-GDZ11B Datasheet
83Kb / 4P
   Small Signal Zener Diodes
Rev. 2.2, 03-Nov-16
logo
SUNMATE electronic Co.,...
GDZ11B SUNMATE-GDZ11B Datasheet
406Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results


Similar Description - GDZ11B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com