Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV4140 Datasheet (PDF) - Fairchild Semiconductor

RV4140 Datasheet PDF - Fairchild Semiconductor
Part # RV4140
Download  RV4140 Download

File Size   64.73 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Two-Wire Ground Fault Interrupter Controller

RV4140 Datasheet (PDF)

Go To PDF Page Download Datasheet
RV4140 Datasheet PDF - Fairchild Semiconductor

Part # RV4140
Download  RV4140 Click to download

File Size   64.73 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Two-Wire Ground Fault Interrupter Controller

RV4140 Datasheet (HTML) - Fairchild Semiconductor

Back Button RV4140 Datasheet HTML 1Page - Fairchild Semiconductor RV4140 Datasheet HTML 2Page - Fairchild Semiconductor RV4140 Datasheet HTML 3Page - Fairchild Semiconductor RV4140 Datasheet HTML 4Page - Fairchild Semiconductor RV4140 Datasheet HTML 5Page - Fairchild Semiconductor RV4140 Datasheet HTML 6Page - Fairchild Semiconductor RV4140 Datasheet HTML 7Page - Fairchild Semiconductor RV4140 Datasheet HTML 8Page - Fairchild Semiconductor RV4140 Datasheet HTML 9Page - Fairchild Semiconductor RV4140 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

RV4140 Product details

Description
The RV4140A is a low power controller for AC outlet appliance leakage circuit interrupters. These devices detect hazardous current paths to ground such as an appliance falling into water. The interrupter then open circuits the line before a harmful or lethal shock occurs.

Features
• Powered from the AC line
• Built-in bridge rectifier
• Direct interface to SCR
• 350 mA quiescent current
• Adjustable trip current
• Adjustable time delay
• Minimum external components
• Meets UL 943 requirements
• Specifically for two-wire systems
• For use with 110V or 220V systems




Similar Part No. - RV4140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140AM FAIRCHILD-RV4140AM Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140AN FAIRCHILD-RV4140AN Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
RV4140A FAIRCHILD-RV4140A_04 Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
More results


Similar Description - RV4140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RV4140A FAIRCHILD-RV4140A_04 Datasheet
65Kb / 12P
   Low Power Two-Wire Ground Fault Interrupter Controller
logo
Unisonic Technologies
GF2140 UTC-GF2140 Datasheet
177Kb / 4P
   LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
GF2140 UTC-GF2140_15 Datasheet
210Kb / 4P
   LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A_11 Datasheet
503Kb / 9P
   Low-Power, Ground-Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A_16 Datasheet
440Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4141A FAIRCHILD-RV4141A Datasheet
345Kb / 8P
   Low Power Ground Fault Interrupter
logo
IK Semicon Co., Ltd
IL4145A IKSEMICON-IL4145A Datasheet
267Kb / 7P
   Low Power Ground Fault Interrupter
logo
Fairchild Semiconductor
RV4145A FAIRCHILD-RV4145A Datasheet
367Kb / 11P
   Low Power Ground Fault Interrupter
RV4145A FAIRCHILD-RV4145A_04 Datasheet
85Kb / 10P
   Low Power Ground Fault Interrupter
logo
ARTSCHIP ELECTRONICS CO...
RV4145A ARTSCHIP-RV4145A Datasheet
328Kb / 10P
   Low Power Ground Fault Interrupter
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com