Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN75 Datasheet (PDF) - Microchip Technology

TCN75 Datasheet PDF - Microchip Technology
Part # TCN75
Download  TCN75 Download

File Size   2620.41 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Analog and Interface Product Selector Guide

TCN75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCN75 Datasheet PDF - Microchip Technology

Part # TCN75
Download  TCN75 Click to download

File Size   2620.41 Kbytes
Page   44 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Analog and Interface Product Selector Guide

TCN75 Datasheet (HTML) - Microchip Technology

Back Button TCN75 Datasheet HTML 1Page - Microchip Technology TCN75 Datasheet HTML 2Page - Microchip Technology TCN75 Datasheet HTML 3Page - Microchip Technology TCN75 Datasheet HTML 4Page - Microchip Technology TCN75 Datasheet HTML 5Page - Microchip Technology TCN75 Datasheet HTML 6Page - Microchip Technology TCN75 Datasheet HTML 7Page - Microchip Technology TCN75 Datasheet HTML 8Page - Microchip Technology TCN75 Datasheet HTML 9Page - Microchip Technology TCN75 Datasheet HTML 10Page - Microchip Technology Next Button 

TCN75 Product details

General Description
MCP9700/9700A and MCP9701/9701A sensors with Linear Active Thermistor Integrated Circuit (IC) comprise a family of analog temperature sensors that convert temperature to analog voltage.
The low-cost, low-power sensors feature an accuracy of ±2°C from 0°C to +70°C (MCP9700A/9701A) and ±4°C from 0°C to +70°C (MCP9700/9701) while consuming 6 µA (typical) of operating current.

Features
• Tiny Analog Temperature Sensor
• Available Packages:
   - SC70-5, SOT-23-3, TO-92-3
• Wide Temperature Measurement Range:
   - -40°C to +125°C (Extended Temperature)
   - -40°C to +150°C (High Temperature)
      (MCP9700, SOT-23-3 and SC70-5 only)
• Accuracy:
   - ±2°C (max.), 0°C to +70°C (MCP9700A/9701A)
   - ±4°C (max.), 0°C to +70°C (MCP9700/9701)
• Optimized for Analog-to-Digital Converters (ADCs):
   - 10.0 mV/°C (typical) (MCP9700/9700A)
   - 19.5 mV/°C (typical) (MCP9701/9701A)
• Wide Operating Voltage Range:
   - VDD = 2.3V to 5.5V (MCP9700/9700A)
   - VDD = 3.1V to 5.5V (MCP9701/9701A)
• Low Operating Current: 6 µA (typical)
• Optimized to Drive Large Capacitive Loads

Typical Applications
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Home Appliance
• Office Equipment
• Battery Packs and Portable Equipment
• General Purpose Temperature Monitoring




Similar Part No. - TCN75

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCN75 TELCOM-TCN75 Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75 MICROCHIP-TCN75 Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
TCN75 MICROCHIP-TCN75 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
TelCom Semiconductor, I...
TCN75-3.3MOA TELCOM-TCN75-3.3MOA Datasheet
259Kb / 10P
   2-WIRE SERIAL TEMPERATURE SENSOR AND THERMAL MONITOR
logo
Microchip Technology
TCN75-3.3MOA MICROCHIP-TCN75-3.3MOA Datasheet
583Kb / 20P
   2-Wire Serial Temperature Sensor and Thermal Monitor
2006
More results


Similar Description - TCN75

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC4428AEJA MICROCHIP-TC4428AEJA Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com