Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGS13N60UFD Datasheet (PDF) - Fairchild Semiconductor

SGS13N60UFD Datasheet PDF - Fairchild Semiconductor
Part # SGS13N60UFD
Download  SGS13N60UFD Download

File Size   610.93 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-Fast IGBT

SGS13N60UFD Datasheet (PDF)

Go To PDF Page Download Datasheet
SGS13N60UFD Datasheet PDF - Fairchild Semiconductor

Part # SGS13N60UFD
Download  SGS13N60UFD Click to download

File Size   610.93 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-Fast IGBT

SGS13N60UFD Datasheet (HTML) - Fairchild Semiconductor

SGS13N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGS13N60UFD Datasheet HTML 8Page - Fairchild Semiconductor

SGS13N60UFD Product details

General Description
Fairchilds UFD series of Insulated Gate Bipolar Transistors (IGBTs) provides low conduction and switching losses. The UFD series is designed for applications such as motor control and general inverters where high speed switching is a required feature.

Features
• High speed switching
• Low saturation voltage : VCE(sat) = 2.1 V @ IC = 6.5A
• High input impedance
• CO-PAK, IGBT with FRD : trr = 37ns (typ.)

Application
    AC & DC Motor controls, general purpose inverters, robotics, servo controls




Similar Part No. - SGS13N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGS13N60UF FAIRCHILD-SGS13N60UF Datasheet
552Kb / 7P
   Ultra-Fast IGBT
More results


Similar Description - SGS13N60UFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH80N60UF FAIRCHILD-SGH80N60UF Datasheet
557Kb / 7P
   Ultra-Fast IGBT
SGP13N60UFD FAIRCHILD-SGP13N60UFD Datasheet
595Kb / 8P
   Ultra-Fast IGBT
SGU6N60UF FAIRCHILD-SGU6N60UF Datasheet
506Kb / 7P
   Ultra-Fast IGBT
SGH23N60UFD FAIRCHILD-SGH23N60UFD Datasheet
627Kb / 7P
   Ultra-Fast IGBT
SGH40N60UFDTU FAIRCHILD-SGH40N60UFDTU Datasheet
652Kb / 8P
   Ultra-Fast IGBT
SGP13N60UFTU FAIRCHILD-SGP13N60UFTU Datasheet
542Kb / 7P
   Ultra-Fast IGBT
SGP13N60UF FAIRCHILD-SGP13N60UF Datasheet
537Kb / 7P
   Ultra-Fast IGBT
SGP23N60UFD FAIRCHILD-SGP23N60UFD Datasheet
587Kb / 8P
   Ultra-Fast IGBT
SGR2N60UF FAIRCHILD-SGR2N60UF Datasheet
495Kb / 7P
   Ultra-Fast IGBT
SGS23N60UF FAIRCHILD-SGS23N60UF Datasheet
539Kb / 7P
   Ultra-Fast IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com