Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD06S4805H Datasheet (PDF) - Delta Electronics, Inc.

DD06S4805H Datasheet PDF - Delta Electronics, Inc.
Part # DD06S4805H
Download  DD06S4805H Download

File Size   212.36 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DD06S4805H Datasheet (PDF)

Go To PDF Page Download Datasheet
DD06S4805H Datasheet PDF - Delta Electronics, Inc.

Part # DD06S4805H
Download  DD06S4805H Click to download

File Size   212.36 Kbytes
Page   4 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

DD06S4805H Datasheet (HTML) - Delta Electronics, Inc.

DD06S4805H Datasheet HTML 1Page - Delta Electronics, Inc. DD06S4805H Datasheet HTML 2Page - Delta Electronics, Inc. DD06S4805H Datasheet HTML 3Page - Delta Electronics, Inc. DD06S4805H Datasheet HTML 4Page - Delta Electronics, Inc.

DD06S4805H Product details

6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range

The DH06S/D series are miniature, DIP Package, isolated 6W DC/DC converters with 1,500VDC/3,000 isolation. It offers short circuit protection and allows a wide operating temperature range of –40°C to +85°C (with derating).These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions.

FEATURES
♦ Efficiency up to 84%e
♦ DIP Package with Industry Standard Pinout
♦ 2:1 Wide Input Range
♦ Operating Temperature Range -40°C to +85°C
♦ Short Circuit Protection
♦ Overload Protection
♦ Isolation Voltage 1500VDC /3000VDC(Optional)
♦ Complies with EN 55022 Class A
♦ Lead free, RoHs Compliant
♦ 3 Years Product Warranty




Similar Part No. - DD06S4805H

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DD06S0303A DELTA-DD06S0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD06S0303A DELTA-DD06S0303A Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
DD06S0303A DELTA-DD06S0303A Datasheet
219Kb / 4P
   4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DD06S0305A DELTA-DD06S0305A Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DD06S0503A DELTA-DD06S0503A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Similar Description - DD06S4805H

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S DELTA-DR06S Datasheet
227Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S DELTA-DS06S Datasheet
296Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
DB02S DELTA-DB02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com