Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9251A083QR-G Datasheet (PDF) - Torex Semiconductor

XC9251A083QR-G Datasheet PDF - Torex Semiconductor
Part # XC9251A083QR-G
Download  XC9251A083QR-G Download

File Size   985.16 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 30V Driver Transistor Built-In Step-Down DC/DC Converters

XC9251A083QR-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9251A083QR-G Datasheet PDF - Torex Semiconductor

Part # XC9251A083QR-G
Download  XC9251A083QR-G Click to download

File Size   985.16 Kbytes
Page   28 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 30V Driver Transistor Built-In Step-Down DC/DC Converters

XC9251A083QR-G Datasheet (HTML) - Torex Semiconductor

Back Button XC9251A083QR-G Datasheet HTML 1Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 2Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 3Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 4Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 5Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 6Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 7Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 8Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 9Page - Torex Semiconductor XC9251A083QR-G Datasheet HTML 10Page - Torex Semiconductor Next Button 



Similar Part No. - XC9251A083QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
XC9253R TOREX-XC9253R Datasheet
250Kb / 13P
   Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
More results


Similar Description - XC9251A083QR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223 TOREX-XC9223_04 Datasheet
208Kb / 7P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9235 TOREX-XC9235 Datasheet
760Kb / 28P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XCL205 TOREX-XCL205_1 Datasheet
563Kb / 26P
   Inductor Built-in Step-Down micro DC/DC Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com