Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3443DV Datasheet (PDF) - Fairchild Semiconductor

SI3443DV Datasheet PDF - Fairchild Semiconductor
Part # SI3443DV
Download  SI3443DV Download

File Size   111.62 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrench MOSFET

SI3443DV Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3443DV Datasheet PDF - Fairchild Semiconductor

Part # SI3443DV
Download  SI3443DV Click to download

File Size   111.62 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrench MOSFET

SI3443DV Datasheet (HTML) - Fairchild Semiconductor

SI3443DV Datasheet HTML 1Page - Fairchild Semiconductor SI3443DV Datasheet HTML 2Page - Fairchild Semiconductor SI3443DV Datasheet HTML 3Page - Fairchild Semiconductor SI3443DV Datasheet HTML 4Page - Fairchild Semiconductor SI3443DV Datasheet HTML 5Page - Fairchild Semiconductor

SI3443DV Product details

General Description
This P-Channel 2.5V specified MOSFET is produced using Fairchilds advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain low gate charage for superior switching performance.

Features
• –4 A, –20 V. RDS(ON) = 0.065 Ω @ VGS = –4.5 V
                       RDS(ON) = 0.100 Ω @ VGS = –2.5 V
• Fast switching speed.
• Low gate charge (7.2 nC typical).
• High performance trench technology for extremely
    low RDS(ON).
• SuperSOT™-6 package: small footprint (72% smaller
    than standard SO-8); low profile (1mm thick)

Applications
• Load switch
• Battery protection
• Power management




Similar Part No. - SI3443DV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SI3443DV IRF-SI3443DV Datasheet
130Kb / 7P
   HEXFET Power MOSFET
logo
Vishay Siliconix
SI3443DV VISHAY-SI3443DV Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
logo
International Rectifier
SI3443DV IRF-SI3443DV Datasheet
131Kb / 7P
   Ultra Low On-Resistance
logo
Vishay Siliconix
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
   P-Channel 2.5-V (G-S) MOSFET
Rev. B, 29-Sep-97
logo
VBsemi Electronics Co.,...
SI3443DV-T1-GE3 VBSEMI-SI3443DV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results


Similar Description - SI3443DV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com