Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE56AG Datasheet (PDF) - ON Semiconductor

P6KE56AG Datasheet PDF - ON Semiconductor
Part # P6KE56AG
Download  P6KE56AG Download

File Size   132.95 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors

P6KE56AG Datasheet (PDF)

Go To PDF Page Download Datasheet
P6KE56AG Datasheet PDF - ON Semiconductor

Part # P6KE56AG
Download  P6KE56AG Click to download

File Size   132.95 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors

P6KE56AG Datasheet (HTML) - ON Semiconductor

P6KE56AG Datasheet HTML 1Page - ON Semiconductor P6KE56AG Datasheet HTML 2Page - ON Semiconductor P6KE56AG Datasheet HTML 3Page - ON Semiconductor P6KE56AG Datasheet HTML 4Page - ON Semiconductor P6KE56AG Datasheet HTML 5Page - ON Semiconductor

P6KE56AG Product details

600 Watt Peak Power Surmetic−40 Transient Voltage Suppressors
Unidirectional*

The P6KE6.8A series is designed to protect voltage sensitive components from high voltage, high energy transients. They have excellent clamping capability, high surge capability and fast response time. These devices are ON Semiconductor’s exclusive, cost-effective, highly reliable Surmetic axial leaded package and is ideally-suited for use in communication systems, numerical controls, process controls, medical equipment, business machines, power supplies and many other industrial/consumer applications.

Features
• Working Peak Reverse Voltage Range − 5.8 to 171 V
• Peak Power − 600 W @ 1 ms
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• Maximum Clamp Voltage @ Peak Pulse Current
• Low Leakage < 5 μA above 10 V
• Maximum Temperature Coefficient Specified
• UL 497B for Isolated Loop Circuit Protection
• Response Time is Typically < 1 ns
• Pb−Free Packages are Available*




Similar Part No. - P6KE56AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors Unidirectional
October, 2009 ??Rev. 10
P6KE56AG ONSEMI-P6KE56AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com