Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07XSF517 Datasheet (PDF) - Freescale Semiconductor, Inc

07XSF517 Datasheet PDF - Freescale Semiconductor, Inc
Part # 07XSF517
Download  07XSF517 Download

File Size   1163.86 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Triple 7.0 mOhm and Dual 17 mOhm High Side Switch

07XSF517 Datasheet (PDF)

Go To PDF Page Download Datasheet
07XSF517 Datasheet PDF - Freescale Semiconductor, Inc

Part # 07XSF517
Download  07XSF517 Click to download

File Size   1163.86 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Triple 7.0 mOhm and Dual 17 mOhm High Side Switch

07XSF517 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button 07XSF517 Datasheet HTML 1Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 2Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 3Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSF517 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 



Similar Part No. - 07XSF517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
07XS3200 NXP-07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
07XSC200 FREESCALE-07XSC200 Datasheet
764Kb / 51P
   Dual High Side Switch
More results


Similar Description - 07XSF517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
   Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com