Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6415DQ Datasheet (PDF) - Fairchild Semiconductor

SI6415DQ Datasheet PDF - Fairchild Semiconductor
Part # SI6415DQ
Download  SI6415DQ Download

File Size   108.75 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V P-Channel PowerTrench MOSFET

SI6415DQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SI6415DQ Datasheet PDF - Fairchild Semiconductor

Part # SI6415DQ
Download  SI6415DQ Click to download

File Size   108.75 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V P-Channel PowerTrench MOSFET

SI6415DQ Datasheet (HTML) - Fairchild Semiconductor

SI6415DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6415DQ Datasheet HTML 5Page - Fairchild Semiconductor

SI6415DQ Product details

General Description
This P-Channel MOSFET is a rugged gate version of Fairchild Semiconductor’s advanced PowerTrench process. It has been optimized for power management applications requiring a wide range of gave drive voltage ratings (–4.5V – 20V).

Features
• –6.5 A, –30 V
   RDS(ON) = 19 mΩ @ VGS = –10 V
   RDS(ON) = 30 mΩ @ VGS = –4.5 V
• Extended VGSS range (±20V) for battery applications
• High performance trench technology for extremely low RDS(ON)
• Low profile TSSOP-8 package

Applications
• Battery protection
• DC/DC conversion
• Power management
• Load switch




Similar Part No. - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6415DQ VISHAY-SI6415DQ Datasheet
196Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 23-Jan-06
SI6415DQ VISHAY-SI6415DQ Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ Datasheet
204Kb / 10P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6415DQ-T1 VISHAY-SI6415DQ-T1 Datasheet
201Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
SI6415DQ VISHAY-SI6415DQ_17 Datasheet
206Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 31-Mar-08
More results


Similar Description - SI6415DQ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com