Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

All Datasheet (PDF) - Fairchild Semiconductor

All Datasheet PDF - Fairchild Semiconductor
Part # All
Download  All Download

File Size   249.16 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage Phototransistor Optocouplers

All Datasheet (PDF)

Go To PDF Page Download Datasheet
All Datasheet PDF - Fairchild Semiconductor

Part # All
Download  All Click to download

File Size   249.16 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Voltage Phototransistor Optocouplers

All Datasheet (HTML) - Fairchild Semiconductor

All Datasheet HTML 1Page - Fairchild Semiconductor All Datasheet HTML 2Page - Fairchild Semiconductor All Datasheet HTML 3Page - Fairchild Semiconductor All Datasheet HTML 4Page - Fairchild Semiconductor All Datasheet HTML 5Page - Fairchild Semiconductor All Datasheet HTML 6Page - Fairchild Semiconductor All Datasheet HTML 7Page - Fairchild Semiconductor All Datasheet HTML 8Page - Fairchild Semiconductor All Datasheet HTML 9Page - Fairchild Semiconductor

All Product details

General Description

The 4N38M, H11DXM and MOC8204M are phototransistor-type optically coupled optoisolators. A gallium arsenide infrared emitting diode is coupled with a high voltage NPN silicon phototransistor. The device is supplied in a standard plastic six-pin dual-in-line package.



Features

■ High voltage:

   – MOC8204M, BVCER = 400V

   – H11D1M, H11D2M, BVCER = 300V

   – H11D3M, BVCER = 200V

■ High isolation voltage:

   – 7500 VAC peak, 1 second

■ Underwriters Laboratory (UL) recognized File # E90700, Volume 2

■ IEC 60747-5-2 approved (ordering option V)



Applications

■ Power supply regulators

■ Digital logic inputs

■ Microprocessor inputs

■ Appliance sensor systems

■ Industrial controls



 




Similar Part No. - All

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALL1 ALTECH-ALL1 Datasheet
228Kb / 1P
   30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
ALL3 ALTECH-ALL3 Datasheet
228Kb / 1P
   30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
ALL4 ALTECH-ALL4 Datasheet
228Kb / 1P
   30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
logo
ATGBICS by Approved Tec...
ALL4750-C ATGBICS-ALL4750-C Datasheet
293Kb / 8P
   ALL4750 Allnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
ALL4751-C ATGBICS-ALL4751-C Datasheet
324Kb / 9P
   ALL4751 Allnet Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Similar Description - All

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
   HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com