Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9424DY Datasheet (PDF) - Fairchild Semiconductor

SI9424DY Datasheet PDF - Fairchild Semiconductor
Part # SI9424DY
Download  SI9424DY Download

File Size   77.86 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel 2.5V Specified PowerTrench MOSFET

SI9424DY Datasheet (PDF)

Go To PDF Page Download Datasheet
SI9424DY Datasheet PDF - Fairchild Semiconductor

Part # SI9424DY
Download  SI9424DY Click to download

File Size   77.86 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single P-Channel 2.5V Specified PowerTrench MOSFET

SI9424DY Datasheet (HTML) - Fairchild Semiconductor

SI9424DY Datasheet HTML 1Page - Fairchild Semiconductor SI9424DY Datasheet HTML 2Page - Fairchild Semiconductor SI9424DY Datasheet HTML 3Page - Fairchild Semiconductor SI9424DY Datasheet HTML 4Page - Fairchild Semiconductor SI9424DY Datasheet HTML 5Page - Fairchild Semiconductor

SI9424DY Product details

General Description
This P-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
• -8.0 A, -20 V. RDS(on) = 0.024 Ω @ VGS = -4.5
                         RDS(on) = 0.032 Ω @ VGS = -2.5 V.
• Low gate charge (23nC typical).
• Fast switching speed.
• High performance trench technology for extremely low RDS(ON).
• High power and current handling capability.

Applications
• DC/DC converter
• Load switch
• Battery Protection




Similar Part No. - SI9424DY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI9424DY-T1-E3 VBSEMI-SI9424DY-T1-E3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Similar Description - SI9424DY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com