Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSTVN16857 Datasheet (PDF) - Fairchild Semiconductor

SSTVN16857 Datasheet PDF - Fairchild Semiconductor
Part # SSTVN16857
Download  SSTVN16857 Download

File Size   85.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 14-Bit Register with SSTL-2 Compatible I/O and Reset

SSTVN16857 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTVN16857 Datasheet PDF - Fairchild Semiconductor

Part # SSTVN16857
Download  SSTVN16857 Click to download

File Size   85.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 14-Bit Register with SSTL-2 Compatible I/O and Reset

SSTVN16857 Datasheet (HTML) - Fairchild Semiconductor

SSTVN16857 Datasheet HTML 1Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 2Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 3Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 4Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 5Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 6Page - Fairchild Semiconductor SSTVN16857 Datasheet HTML 7Page - Fairchild Semiconductor

SSTVN16857 Product details

General Description
The SSTV16857 is a 14-bit register designed for use with 184 and 232 pin PC1600, 2100, and 2700 DDR DIMM applications. The SSTVN16857 is a 14-bit register designed for use with 184 and 232 pin PC3200 DDR DIMM applications. These devices have a differential input clock, SSTL-2 compatible data inputs and a LVCMOS compatible RESET input. These devices have been designed for compliance with the JEDEC DDR module and register specifications.
The devices are fabricated on an advanced submicron CMOS process and are designed to operate at power supplies of less than 3.6V’s.

Features
■ Compliant with DDR-I registered module specifications
■ Operates at 2.5V ± 0.2V VDD
■ SSTL-2 compatible input and output structure
■ Differential SSTL-2 compatible clock inputs
■ Low power mode when device is reset
■ Industry standard 48 pin TSSOP package




Similar Part No. - SSTVN16857

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTVN16859 PHILIPS-SSTVN16859 Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
SSTVN16859BS PHILIPS-SSTVN16859BS Datasheet
116Kb / 11P
   13-bit 1:2 SSTL_2 registered buffer for DDR
2004 Jul 15
More results


Similar Description - SSTVN16857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Integrated Device Techn...
IDT74SSTV16857 IDT-IDT74SSTV16857 Datasheet
54Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Renesas Technology Corp
IDT74SSTV16857 RENESAS-IDT74SSTV16857 Datasheet
239Kb / 8P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
February 2009
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTVF16857 TI1-SN74SSTVF16857_09 Datasheet
347Kb / 12P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com