Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG509FBRN Datasheet (PDF) - Analog Devices

ADG509FBRN Datasheet PDF - Analog Devices
Part # ADG509FBRN
Download  ADG509FBRN Download

File Size   288.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel/4-Channel Fault-Protected Analog Multiplexers

ADG509FBRN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG509FBRN Datasheet PDF - Analog Devices

Part # ADG509FBRN
Download  ADG509FBRN Click to download

File Size   288.67 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel/4-Channel Fault-Protected Analog Multiplexers

ADG509FBRN Datasheet (HTML) - Analog Devices

Back Button ADG509FBRN Datasheet HTML 1Page - Analog Devices ADG509FBRN Datasheet HTML 2Page - Analog Devices ADG509FBRN Datasheet HTML 3Page - Analog Devices ADG509FBRN Datasheet HTML 4Page - Analog Devices ADG509FBRN Datasheet HTML 5Page - Analog Devices ADG509FBRN Datasheet HTML 6Page - Analog Devices ADG509FBRN Datasheet HTML 7Page - Analog Devices ADG509FBRN Datasheet HTML 8Page - Analog Devices ADG509FBRN Datasheet HTML 9Page - Analog Devices ADG509FBRN Datasheet HTML 10Page - Analog Devices Next Button 

ADG509FBRN Product details

GENERAL DESCRIPTION

The ADG508F and ADG509F are CMOS analog multiplexers, with the ADG508F comprising eight single channels and the ADG509F comprising four differential channels. These multiplexers provide fault protection. Using a series n-channel, p-channel, n-channel MOSFET structure, both device and signal source protection is provided in the event of an overvoltage or power loss. The multiplexer can withstand continuous overvoltage inputs from −40 V to +55 V. During fault conditions with power supplies off, the multiplexer input (or output) appears as an open circuit and only a few nanoamperes of leakage current will flow. This protects not only the multiplexer and the circuitry driven by the multiplexer, but also protects the sensors or signal sources that drive the multiplexer.



FEATURES

  All switches off with power supply off

  Analog output of on channel clamped within power supplies if an overvoltage occurs

  Latch-up proof construction

  Low on resistance (270 Ω typical)

  Fast switching times

     tON: 230 ns maximum

     tOFF: 130 ns maximum

  Low power dissipation (3.3 mW maximum)

  Fault and overvoltage protection (−40 V to +55 V)

  Break-before-make construction

  TTL and CMOS compatible inputs



APPLICATIONS

  Existing multiplexer applications (both fault-protected and nonfault-protected)

  New designs requiring multiplexer functions



 




Similar Part No. - ADG509FBRN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG509FBRN AD-ADG509FBRN Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
More results


Similar Description - ADG509FBRN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
   4/8 Channel Fault-Protected Analog Multiplexers
REV. C
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
   8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F Datasheet
127Kb / 8P
   High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV. D
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
   High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
logo
Maxwell Technologies
358RPFS MAXWELL-358RPFS Datasheet
122Kb / 9P
   8-Channel Fault-Protected Analog Multiplexer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com