Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC1103KLC40 Datasheet (PDF) - Fairchild Semiconductor

TMC1103KLC40 Datasheet PDF - Fairchild Semiconductor
Part # TMC1103KLC40
Download  TMC1103KLC40 Download

File Size   86.65 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video A/D Converter with Clamps 8-Bit, 50Msps

TMC1103KLC40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC1103KLC40 Datasheet PDF - Fairchild Semiconductor

Part # TMC1103KLC40
Download  TMC1103KLC40 Click to download

File Size   86.65 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video A/D Converter with Clamps 8-Bit, 50Msps

TMC1103KLC40 Datasheet (HTML) - Fairchild Semiconductor

Back Button TMC1103KLC40 Datasheet HTML 1Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 2Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 3Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 4Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 5Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 6Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 7Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 8Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 9Page - Fairchild Semiconductor TMC1103KLC40 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

TMC1103KLC40 Product details

Description
Incorporated into the TMC1103 are three analog-to-digital (A/D) converters, each with an independent clock, reference voltage and input clamp. Analog signals are converted to Triple 8-bit digital words at sample rates up to 50 Msps (Megasamples per second) per channel.

Features
• 8-bit resolution
• 50 Msps conversion rate
• Low power: 100mW per channel @ 20 Msps
• Integral track/hold
• Independent Input Clamps
• Independent clock inputs
• Integral and differential linearity error 0.5 LSB
• Differential phase 0.7 degree
• Differential gain 1.8%
• Single +5V power supply
• Three-state TTL/CMOS-compatible outputs
• Low cost

Applications
• Video digitizing (composite and Y-C)
• VGA and CCD digitizing
• LCD projection panels
• Image scanners
• Personal computer video boards
• Multimedia systems
• Low cost, high speed data conversion




Similar Part No. - TMC1103KLC40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103KLC40 FAIRCHILD-TMC1103KLC40 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103KLC40 CADEKA-TMC1103KLC40 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Similar Description - TMC1103KLC40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Sony Corporation
CXD2302Q SONY-CXD2302Q Datasheet
344Kb / 25P
   8-bit 50MSPS Video A/D Converter with Clamp Function
logo
Intersil Corporation
HI2302 INTERSIL-HI2302_05 Datasheet
573Kb / 16P
   8-Bit, 50MSPS, Video A/D Converter with Clamp Function
logo
Fairchild Semiconductor
FMS9874 FAIRCHILD-FMS9874 Datasheet
172Kb / 25P
   Graphics Digitizer - 3x8-Bit, 108Ms/s Triple Video A/D Converter with Clamps
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
FMS9875 FAIRCHILD-FMS9875 Datasheet
484Kb / 29P
   Triple 8-Bit, 108/140 MHz A/D Converter with Clamps and PLL
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com